Electronic Components Datasheet Search
  English  ▼

X  

5380H3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5380H3
Description  T-1 3/4 Right Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5380H3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5380H3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5380 Series T-1 3/4 Right Angle LED Assembly
1-133
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
Features
•Block mounting, height and
spacing alignment saves
assembly cost and time.
•Super Brite LEDs, high intensity
light output, diffused lens.
•Built-in resistor chip operates off
5V or 12V supply without external
resistor.
•Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Alternate LEDs are also available in
this package as a standard variation.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
VoltageTyp.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @ 1ms-
300pps (A)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
5380H1
5380H3
5380H5
5380H7
5380H1LC
5380H5LC
5380H7LC
5380H1-5V
5380H3-5V
5380H5-5V
5380H1-12V
5380H3-12V
5380H5-12V
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
Red
Amber
Green
6.3
10
10
6.3
2.3
2.3
2.1
8
8
8
8
8
8
10
10
10
10
2.0
2.0
2.0
10
10
10
12
12
12
60
60
60
60
7
7
7
15
15
15
15
15
15
2.0
2.0
2.2
2.1
1.8
1.8
1.9
5
5
5
12.0
12.0
12.0
3.0
3.0
2.5
3.0
2.2
2.2
2.7
7.5
7.5
7.5
15.0
15.0
15.0
1.0
1.0
.09
1.0
.007
.007
.007
-
-
-
-
-
-
5
5
5
5
5
5
5
5
5
5
5
5
5
650
608
563
585
635
565
585
635
583
565
635
583
565
ANODE (+)
5380E 1-DIM.130
.240
.100
.240
.130 MIN.
.200 MAX.
.210
.200
.020
.240
CAT HODE
NOT C H DENOT ES
All dimensions in inches.


Similar Part No. - 5380H3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5380H3 VCC-5380H3 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5380H3-12V VCC-5380H3-12V Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5380H3-5V VCC-5380H3-5V Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
More results

Similar Description - 5380H3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G63XB IDEA-G63XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G64XB IDEA-G64XB Datasheet
27Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G65XB IDEA-G65XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G626XB IDEA-G626XB Datasheet
26Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G646XB IDEA-G646XB Datasheet
31Kb / 1P
T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5306 VCC-5306 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5380 VCC-5380 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
5390 VCC-5390 Datasheet
98Kb / 1P
T-1 3/4 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com