Electronic Components Datasheet Search
  English  ▼

X  

5682F1 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5682F1
Description  Dual Mount T-1 LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5682F1 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5682F1 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5682F Series Dual Mount T-1 LED Assembly
1-161
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
583
565
602
635
3.0
3.0
3.0
3.0
2.2
2.3
2.2
2.2
5.0
5.0
5.0
5.0
10.0
8.5
6.5
10.0
Yellow
Green
Amber
Red
(V )
Max.
(V )
Typ.
Typ.
Intens ity
(mcd)
Revers e
Breakdown
Voltage Min.(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5682F 1
5682F 3
5682F 5
5682F 7
10
10
10
10
Rated
Current
(mA)
7
Yellow
5
Green
1
Red
LE D
3
Amber
Model No. is as follows : 5682F
;
Example: T o order red LE D on top and green LE D on bottom, the part number would be 5682F 1;5.
Ordering Information: Us e chart below to determine model number.
Continuous
Forward
Current Max.
(mA)
20
25
25
25
All dimens ions in mm.
6.10
4.06
4.83
2.30
6.80
8.90
1.50
3.30
3.80±0.50
14.70
ANODE +
COLOR G R E E N
4303F 25
LE D
COLOR G R E E N
4303F 25
LE D
POLY E S T E RUL94V -0
MAT 'L: B LAC K T HE R MOP LAS T IC
HOLDE R
Top LE D
B ottom LE D
Features :
•2 T -1 LE Ds mounted in s ingle block
saves s pace and assembly time.
•High dens ity only 0.13 wide.
•B lack plas tic mounting block for high
contras t ratio.
•Meets UL 94V -O and B ellcore
flammability s pecifications .
Available options :
•Low current, 5V and 12V built-in
res istors.
•B i-color and blue LE Ds als o offered.
•C all factory for ordering information.
•Mountinghole pattern on page 1-X 3.


Similar Part No. - 5682F1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5682F1 VCC-5682F1 Datasheet
85Kb / 1P
Dual Mount T-1 LED Assembly
More results

Similar Description - 5682F1

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5322F1 CML-5322F1 Datasheet
28Kb / 1P
T-1 Right Angle LED Assembly
5655F1 CML-5655F1 Datasheet
26Kb / 1P
T-1 Right Angle LED Assembly
6322F11 CML-6322F11 Datasheet
27Kb / 1P
Dual Mounted T-1 LED Block Assembly
5323 CML-5323 Datasheet
66Kb / 1P
T-1 Right Angle LED Assembly
5325F CML-5325F Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
logo
Visual Communications C...
5320 VCC-5320 Datasheet
86Kb / 1P
T-1 Right Angle LED Assembly
5600 VCC-5600 Datasheet
94Kb / 1P
T-1 Right Angle LED Assembly
5608 VCC-5608 Datasheet
75Kb / 1P
T-1 Right Angle LED Assembly
5682F VCC-5682F Datasheet
85Kb / 1P
Dual Mount T-1 LED Assembly
6322F VCC-6322F Datasheet
97Kb / 1P
Dual Mounted T-1 LED Block Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com