Electronic Components Datasheet Search
  English  ▼

X  

6010M3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 6010M3
Description  Oil-Tight Non-Relampable Neon-LED Indicator Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

6010M3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  6010M3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D E S C R I P T I O N A N D F E A T U R E S
6010M, 6011M, 6012M, 6013M and 6091M Series Oil-Tight Non-Relampable
Neon-LED Indicator Lights
4-38
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
* Incorporates G2B lamp and resistor.
Underwriters Laboratories (UL) File
No. E20325 Canadian Standards Association
(CSA) File No. LR13346
Note: Also incorporates IN4004 (400 P.I.V.) rectifier diode.
Red lead positive.
All dimensions
in inches.
Lamp Color
Lamp used
White
Amber
Red
Lens Color
Black
C2A+Resistor
6012M5*
6010M3
6010M1
(105-125VAC)
Model No.
Incandescent
1 Black/1 Red
C2A+Resistor
6013M5*
6011M3
6011M1
(208-250VAC)
Model No.
Internal
Resistor
(ohms)
White
Amber
Red
Lens Color
390
6091M7-12V
6091M5-12V
6091M1-12V
for 12V
Model No.
LED Solid State Indicator
1000
6091M7-24V
6091M5-24V
6091M1-24V
for 24V
Model No.
-
4304H7
4304H5
4304H1
LED
Incorporates
Ø.390
Ø.630
.380
.110
1.60
.500
3/8-24 THREAD
POLYCARBONATE
BASE:
(SUPPLIED)
O-RING
Solid-state indicator lights complete with
built-in current-limiting resistor and
rectifier diode.
Mounting: Ø.500/.505 hole. Supplied with
internal tooth lock washer and hex nut.
Mounting hole pattern on page SP2.
Wire Leads: No.22* AWG (105°C),
4.40/4.80 long, stripped .430/.570
Lens: Polycarbonate
Bezel: Polished stainless steel. For black
finish add "X" after the series letter(s).
Gaskets: Buna-N
Housing: White Nylon


Similar Part No. - 6010M3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6010M3 VCC-6010M3 Datasheet
72Kb / 1P
Oil-Tight Non-Relampable Neon-LED Indicator Lights
More results

Similar Description - 6010M3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6010QM1 CML-6010QM1 Datasheet
23Kb / 1P
Oil-Tight Non-Relampable Neon-LED Indicator Lights
1030QD CML-1030QD Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
1090QA CML-1090QA Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
2150QA CML-2150QA Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
5900K CML-5900K Datasheet
232Kb / 1P
Non-Relampable Neon LED Indicator Lights
logo
Visual Communications C...
1050QA VCC-1050QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
2150QA VCC-2150QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
2110QA VCC-2110QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
6010M VCC-6010M Datasheet
72Kb / 1P
Oil-Tight Non-Relampable Neon-LED Indicator Lights
6010QM VCC-6010QM Datasheet
67Kb / 1P
Oil-Tight Non-Relampable Neon-LED Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com