Electronic Components Datasheet Search
  English  ▼

X  

6255T3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 6255T3
Description  Bright Angle Sub-Miniature SMT LED Assemblies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

6255T3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  6255T3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D E S C R I P T I O N A N D F E A T U R E S
6255T Series Bright Angle™ Sub-Miniature SMT LED Assemblies
1-49
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
E L E C T R O - O P T I C A L C H A R A C T E R I S T I C S A N D R A T I N G S
Part Number
Color
Emitted
Luminous Intensity
Forward Voltage
(nm)
Wavelength
Peak
(mA)
Current
Test
(mcd)
Min.
(mcd)
Typ.
(V)
Typ.
(V)
Max.
6255T1
6255T3
6255T5
6255T7
6255T1-5V
6255T3-5V
6255T1LC
6255T5-5V
6255T5LC
6255T7LC
Red
Amber
Green
Yellow
Red
Amber
Green
Red
Green
Yellow
1.0
1.0
1.0
1.0
1.3
0.9
1.6
0.4
0.4
0.4
5.0
3.0
4.0
3.8
5.0
5.0
5.0
0.8
1.2
0.6
10
10
10
10
10
10
10
2
2
2
2.2
2.2
2.3
2.2
5.0
5.0
5.0
1.8
1.8
1.9
3.0
3.0
3.0
3.0
6.0
6.0
6.0
2.2
2.2
2.9
635
603
565
583
635
583
565
635
565
583
Color
Lens
6255T1-5VLC
0.8
2.0
4
5.0
6.0
635
6255T3-5VLC
0.9
4.0
4
5.0
6.0
583
6255T5-5VLC
0.9
2.0
4
5.0
6.0
565
Red
Amber
Green
Red
Amber
Green
Yellow
Red
Amber
Green
Red
Green
Yellow
Red
Amber
Green
UL94-VØ
BLACK P.P.A.
HOUSING:
L
C
L
L
L
C
L
L
ANODE (+)
2.80
4.60
4.80
3.30
4.30
5.30
2.80
2.30
1.00
All dimensions in mm.
•Tape and reel packaged for high-speed pick-and-place
installation.
•Packaged 750 pieces per reel.
•Convection and vapor-phase reflow compatible.
•Compact form enables high density placement.
•Ideal for backlighting applications.
•Wide angle viewing.
•Direct-view optics provide smooth uniform
appearance.
•High output.
•Low current (2mA).
•Built-in resistor for 5V and 5V low-current.
•Perfect drop-in replacement for Dialight 591 series prism.
•100K+ hour MTBF
•Easy post-reflow solder joint inspection.
•No adhesives.
•UL94V-O rated housing of black polyphenylen sulfide.
•Solder pad geometry on page 1-X2.


Similar Part No. - 6255T3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6255T3 VCC-6255T3 Datasheet
128Kb / 1P
Sub-Miniature SMT LED Assemblies
6255T3-5V VCC-6255T3-5V Datasheet
128Kb / 1P
Sub-Miniature SMT LED Assemblies
6255T3-5VLC VCC-6255T3-5VLC Datasheet
128Kb / 1P
Sub-Miniature SMT LED Assemblies
More results

Similar Description - 6255T3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6200T1 CML-6200T1 Datasheet
23Kb / 1P
Bright Angle Right Angle Sub-Miniature SMT LED Assemblies
CMD11505 CML-CMD11505 Datasheet
71Kb / 1P
Bright Angle??Right Angle Surface Mount LED
logo
E-SWITCH
200B E-SWITCH-200B Datasheet
97Kb / 1P
SEALED SMT SUB-MINIATURE
900 E-SWITCH-900 Datasheet
172Kb / 2P
SUB-MINIATURE SMT PUSHBUTTON SWITCHES
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
TOGGLE SWITCHES - SMT SUB-MINIATURE
900 E-SWITCH-900_1 Datasheet
153Kb / 1P
DETECTOR SWITCHES - SUB-MINIATURE SMT
logo
Visual Communications C...
6200T VCC-6200T Datasheet
92Kb / 1P
Right Angle Sub-Miniature SMT LED Assemblies
6255T VCC-6255T Datasheet
128Kb / 1P
Sub-Miniature SMT LED Assemblies
logo
E-SWITCH
900AGQ E-SWITCH-900AGQ Datasheet
153Kb / 1P
DETECTOR SWITCHES - SUB-MINIATURE SMT
logo
New Jersey Semi-Conduct...
MDA920 NJSEMI-MDA920 Datasheet
82Kb / 1P
Miniature Integral Diode Assemblies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com