Electronic Components Datasheet Search
  English  ▼

X  

6321F3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 6321F3
Description  T-1 Circuit Board Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

6321F3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  6321F3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
6321F Series T-1 Circuit Board Indicator
1-144
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
583
565
602
635
3.0
3.0
3.0
3.0
2.0
2.1
2.2
1.9
5
5
5
5
25
25
25
25
Yellow
Green
Amber
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Revers e
Breakdown
Voltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
6321F 1
6321F 3
6321F 5
6321F 7
Typical
Intens ity
(mcd)
10
6.5
8.5
10
10
10
10
10
Rated
Current
(mA)
All dimensions in inches.
Features
•T-1 LED block mounting design assures height and side-by-side spacing alignment saves assembly costs.
•Blocks have interlock feature which allows for multi LED arrays.
•Black plastic mounting block provides high contrast ratio.
•High Brite and Super Brite light output.
•Standoffs prevent flux entrapment.
•Meets UL 94V-O and Bellcore flammability specifications.
Available options:
•Low current, 5 Volt and 12 Volt built-in resistors.
•Bicolor and blue LEDs also offered.
Call factory for ordering information.
Mounting hole pattern onpage1-X4.
TY P .
.100
TY P .
.200
TY P .
.100
.200
TY P .
.100±.015
.420
.150±.015
CAT HODE (-)
DE NOT E S
(UL94-V Ø)
BLAC K T HE R MOP LAS T IC
HOUS ING :
OR IE NT AT ION NOT C H
COLOR AS S P E CIF IE D
LE D T -1 S IZE


Similar Part No. - 6321F3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6321F3 CML-6321F3 Datasheet
236Kb / 1P
T-1 Circuit Board Indicator
logo
Visual Communications C...
6321F3 VCC-6321F3 Datasheet
105Kb / 1P
T-1 Circuit Board Indicator
More results

Similar Description - 6321F3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5311F CML-5311F Datasheet
22Kb / 1P
Super BriteT-1 LED Circuit Board Indicator
CMC01R CML-CMC01R Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
5310F CML-5310F Datasheet
71Kb / 1P
T-1 LED Circuit Board Indicator
6321F CML-6321F Datasheet
236Kb / 1P
T-1 Circuit Board Indicator
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
logo
Visual Communications C...
5310F VCC-5310F Datasheet
108Kb / 1P
T-1 LED Circuit Board Indicator
5311F VCC-5311F Datasheet
102Kb / 1P
Super Brite T -1 LED Circuit Board Indicator
6321F VCC-6321F Datasheet
105Kb / 1P
T-1 Circuit Board Indicator
logo
Kingbright Corporation
WP154A4AVS KINGBRIGHT-WP154A4AVS Datasheet
480Kb / 5P
T-1 3/4 (5 mm) Single-Level Circuit Board Indicator
Rev No: V.1A Date: 09/20/2022
WP154A4AVSSUREQBFZGW KINGBRIGHT-WP154A4AVSSUREQBFZGW Datasheet
320Kb / 5P
T-1 3/4 (5 mm) Single-Level Circuit Board Indicator
Rev No: V.2A Date: 12/07/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com