Electronic Components Datasheet Search
  English  ▼

X  

7016X Datasheet(PDF) 2 Page - Chicago Miniature Lamp,inc

Part # 7016X
Description  SMT LEDs 1208 Package Size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

7016X Datasheet(HTML) 2 Page - Chicago Miniature Lamp,inc

  7016X Datasheet HTML 1Page - Chicago Miniature Lamp,inc 7016X Datasheet HTML 2Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Color Combinations:
•Red/Green
•Green/Yellow
Surface Mount Technology
•Tape and reel packaged for high-speed
autoinsertion.
•Convection and vapor-phase reflow compatible.
•Compact form enables high density placement.
•Packaged 2500 pieces per reel.
Leading Edge LED Optoelectronic Performance
•Consistent high brightness.
Exceptional Reliability
•Stringent process controls assure quality.
•Extensive qualification testing to meet
strictest requirements.
•Designed to permit easy post-reflow solder
joint inspection.
Solder pad geometry on page 1-X2.
D E S C R I P T I O N A N D F E A T U R E S
7016X Series Bicolor SMT LEDs
1-41
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
E L E C T R O - O P T I C A L C H A R A C T E R I S T I C S A N D R A T I N G S
All dimensions in mm.
-30 to +85
570/580
20/16
9.0
110
2.8/2.8
2.2/2.2
-25 to +80
100
60
60
Clear
Green/Yellow
7016X5/7
7016X1/5
Non-Diffused
PART NUMBER
Output Color
Package Color
Power Dissipation (mW)
Peak Forward Current Max. (mA)
Reverse Current Max. (V =4V)
Operating temperature (°C)
Storage Temperature (°C)
Forward Voltage Typ. (IF=20mA)
Forward Voltage Max. (IF=20mA)
Luminous Intensity Min. (IF=20mA)
Peak Wavelength (IF=20mA)
Diffused/Non-Diffused
Viewing Angle (degrees)
Luminous Intensity Max. (IF=20mA)
Red/Green
Clear
60
75/60
100
-25 to +80
-30 to +85
1.75/2.2
2.5/2.8
110
9.0
16/20
660/570
Non-Diffused
Rated Current (mA)
20/20
20/20
R
Continuous Forward Current Max. (mA)
25
30/25
1
2
0.30
0.50
1.30+0.20/-0.10
TERMINATION
1.60
R 0.30 TYP.
1.70
CATHODE MARK
2.00
1.60
2.30
3.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com