Electronic Components Datasheet Search
  English  ▼

X  

74F524 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F524
Description  8-bit register comparator open-collector 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F524 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F524 Datasheet HTML 1Page - NXP Semiconductors 74F524 Datasheet HTML 2Page - NXP Semiconductors 74F524 Datasheet HTML 3Page - NXP Semiconductors 74F524 Datasheet HTML 4Page - NXP Semiconductors 74F524 Datasheet HTML 5Page - NXP Semiconductors 74F524 Datasheet HTML 6Page - NXP Semiconductors 74F524 Datasheet HTML 7Page - NXP Semiconductors 74F524 Datasheet HTML 8Page - NXP Semiconductors 74F524 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F524
8-bit register comparator (open collector + 3-State)
2
1990 Aug 07
853–0373 00135
FEATURES
• 8-Bit bidirectional register with bus-oriented input-output
• Independent serial input-output to register
• Register bus comparator with ‘equal to’, ‘greater than’ and
‘less than’ outputs
• Cascadable in groups of 8-bits
• Open collector comparator outputs for AND-wired expansion
• Two’s complement or magnitude compare
DESCRIPTION
The 74F524 is an 8-bit bidirectional register with parallel input and
output, plus serial input and output progressing from MSB to LSB.
All data inputs, serial and parallel, are loaded by the rising edge of
the clock. The device functions are controlled by two control lines
(S0, S1) to execute shift, load, hold and read out. An 8-bit
comparator examines the data stored in the registers and on the
data bus. Three true-High, open collector outputs representing
‘register equal to bus’, ‘register greater than bus’ and ‘register less
than bus’ are provided. These outputs can be disabled to the OFF
state by the use of Status Enable (SE). A mode control has also
been provided to allow Two’s Complement as well as magnitude
compare. Linking inputs are provided for expansion to longer words.
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
S0
I/O0
I/O1
I/O2
I/O3
I/O4
I/O6
I/O7
GND
CP
M
LT
C/SO
C/SI
SE
S1
VCC
EQ
GT
I/O5
SF00970
TYPE
TYPICAL fMAX
TYPICAL SUPPLY CURRENT
(TOTAL)
74F524
65MHz
110mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL
RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-pin plastic DIP
N74F524N
SOT146-1
20-pin plastic SOL
N74F524D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
I/On
Parallel data inputs
3.5/1.0
70
µA/0.6mA
S0, S1
Mode select inputs
1.0/1.0
20
µA/0.6mA
C/SI
Status priority or serial data input
1.0/1.0
20
µA/0.6mA
CP
Clock pulse input (active rising edge)
1.0/1.0
20
µA/0.6mA
SE
Status enable input (active Low)
1.0/1.0
20
µA/0.6mA
M
Compare mode select input
1.0/1.0
20
µA/0.6mA
I/On
3-state parallel data outputs
150/40
3.0mA/24mA
C/SO
Status priority or serial data output
50/33
1.0mA/20mA
LT
Register less than bus output
OC/33
OC/20mA
EQ
Register equal to bus output
OC/33
OC/20mA
GT
Register greater than bus output
OC/33
OC/20mA
NOTE:
One (1.0) FAST Unit Load (U.L.) is defined as 20
µA in the High state and 0.6mA in the Low state.
OC=Open Collector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com