Electronic Components Datasheet Search
  English  ▼

X  

HDSP Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HDSP
Description  Low Current Seven Segment Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HDSP Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDSP Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Electrical/Optical Characteristics at T
A = 25°C
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
315
600
IF = 1 mA
A10x
3600
IF = 5 mA
330
650
IF = 1 mA
F10x, G10x
3900
IF = 5 mA
390
650
IF = 1 mA
E10x
Luminous Intensity/Segment[1,2]
IV
µcd
(Digit Average)
3900
IF = 5 mA
400
700
IF = 1 mA
H10x, K12x
4200
IF = 5 mA
270
590
IF = 1 mA
N10x, N40x
3500
IF = 5 mA
1.6
IF = 1 mA
Forward Voltage/Segment or DP
VF
1.7
V
IF = 5 mA
1.8
2.2
IF = 20 mA Pk
All Devices
Peak Wavelength
λPEAK
645
nm
Dominant Wavelength[3]
λd
637
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
15
V
IR = 100 µA
Temperature Coefficient of
∆VF/°C
-2 mV
mV/
°C
VF/Segment or DP
A10x
255
F10x, G10x
320
E10x
340
Thermal Resistance LED
R
θJ-PIN
°C/W/Seg
H10x, K12x
Junction-to-Pin
400
N10x, N40x
430
AlGaAs Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com