Electronic Components Datasheet Search
  English  ▼

X  

74F5302 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F5302
Description  Fiber optic dual LED/clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F5302 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F5302 Datasheet HTML 1Page - NXP Semiconductors 74F5302 Datasheet HTML 2Page - NXP Semiconductors 74F5302 Datasheet HTML 3Page - NXP Semiconductors 74F5302 Datasheet HTML 4Page - NXP Semiconductors 74F5302 Datasheet HTML 5Page - NXP Semiconductors 74F5302 Datasheet HTML 6Page - NXP Semiconductors 74F5302 Datasheet HTML 7Page - NXP Semiconductors 74F5302 Datasheet HTML 8Page - NXP Semiconductors 74F5302 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F5302
Fiber optic dual LED/clock driver
2
July 24, 1990
853-1410 00037
FEATURES
• TTL inputs
• Output enable control
• High current source and sink capability
• Matched propagation delay times (t
PLH, tPHL)
• Symmetrical rise and fall times
• ESD protection greater than 2000 volts
• Single +5V supply
• Surface mount package
APPLICATIONS
• High speed serial data communication
• Fiber optic data links
• Local area and metropolitan area networks
• Digital Television
• PBX systems
ASSOCIATED PRODUCTS
• NE5210/11/12 transimpedance amplifiers
• NE5214/5217 postamplifiers with link status indicator
• 74F5300 fiber optic LED driver
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT( TOTAL)
74F5302
2.5ns
8mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
14–pin plastic DIP
N74F5302N
SOT27-1
14–pin plastic SO
N74F5302D
SOT108-1
INPUT AND OUTPUT LOADING
AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
En
Enable inputs
1.0/1.0
20
µA/0.6mA
Qn
Current driver output
8000/266.6
160mA/160mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high
state and 0.6mA in the low state.
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
NC
VCC
D1
E1
E0
NC
Q0
Q1
GND
GND
GND
D0
VCC
VCC
SF00591
LOGIC DIAGRAM (ONE DRIVER)
VCC = Pin 10, 11, 12
GND = Pin 3, 4, 5
Linearizing
circuit
Output
driver
amp
TTL
input
buffer
D0
E0
14
13
2
Q0
VCC
GND
SF00592
SF00592
DESCRIPTION
The 74F5302 is a dual LED/clock driver designed for use in fiber
optic links. The 74F5302 is ideally suited for use in high speed
optical high transmitter systems. It is also ideal for use as a clock
driver.
The TTL input buffer accepts TTL data. The linearizing circuits
ensures a constant propagation delay for tPLH and tPHL, and controls
the rise and fall times. The output driver amplifier is capable of
sourcing more than 160mA and sinking more than 160mA at low
impedances. The high current output driver has been designed to
deal with transmission line effects of high speed switching systems
with fast rising and falling edges. The performance of the system
can be enhanced by matching impedance at the output for proper
termination. It exhibits closely matched propagation delays (tPLH and
tPHL) and symmetrical rise and fall times. The resulting optical
waveform has minimal duty cycle distortion (DCD). When used with
the external pre–bias and pre–charging circuits, the response can
be tailored to a specific LED to eliminate any overshoot and to
minimize the long fall response.
Additionally, this part can be used as the transmitter in a complete
fiber optic system when combined with any of the
NE5210/5211/5212 preamplifiers and NE5214/5217 postamplifiers
for the optical receiver. Please refer to applications note AN1121 in
the Philips Semiconductors Fiber Optic Communication Data Book
for more specific applications information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com