Electronic Components Datasheet Search
  English  ▼

X  

BXB50 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # BXB50
Description  33-50W Wide Input DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXB50 Datasheet(HTML) 2 Page - Artesyn Technologies

  BXB50 Datasheet HTML 1Page - Artesyn Technologies BXB50 Datasheet HTML 2Page - Artesyn Technologies BXB50 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Measured with 10µF tantalum capacitor and 1µF ceramic capacitor across
output.
2
di/dt = 0.1A/1µs, Vin = 48VDC, Tc = 25°C, load change = 0.5 lo max. to
0.75 lo max. and 0.75 lo max. to 0.5 lo max.
3
Units should be characterised within systems. External components
required.
4
Input fusing is recommended based on surge current and maximum input
current.
5
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
6
Simulated source impedance of 12
µH. 12µH inductor in series with +Vin.
7
Active high remote on/off option is available (standard product is active
low), designate with the suffix ‘FHT’ e.g. BXB50-48S05FHT. Consult
factory for further details and options.
8
Start-up into resistive load.
PROTECTION
Short circuit protection
Continuous, automatic recovery
Overvoltage protection
Non-latching
Undervoltage protection
Non-latching
Thermal protection
110°C baseplate,
automatic recovery
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2
BXB50 Series
Single output
DC/DC CONVERTERS
33-50W Wide Input DC/DC Converters
2
www.artesyn.com
File Name: BXB50S.PDF Rev: 02 Oct 2002
PIN CONNECTIONS
PIN
NUMBER
FUNCTION
1+ Vin
2
Remote ON/OFF
3
Case
4- Vin
5
- Vout
6
- Sense
7Trim
8
+ Sense
9
+ Vout
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER (7)
(MAX.)
(MIN.)
(MAX.)
33W
18-36VDC
4.3VDC
3.3V
0A
10A
76%
±0.05%
±0.10%
BXB50-24S3V3FLT
50W
18-36VDC
14.5VDC
12V
0A
4.16A
83%
±0.05%
±0.10%
BXB50-24S12FLT
50W
18-36VDC
17.5VDC
15V
0A
3.33A
83%
±0.05%
±0.10%
BXB50-24S15FLT
33W
36-75VDC
4.3VDC
3.3V
0A
10A
77%
±0.05%
±0.10%
BXB50-48S3V3FLT
50W
36-75VDC
6.5VDC
5V
0A
10A
82%
±0.05%
±0.10%
BXB50-48S05FLT
50W
36-75VDC
14.5VDC
12V
0A
4.16A
84%
±0.05%
±0.10%
BXB50-48S12FLT
EXTERNAL OUTPUT TRIMMING
Output can be externally
trimmed by using the
method shown.
TRIM
UP
TRIM
DOWN
8
7
6
RT1
OR
RT2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com