Electronic Components Datasheet Search
  English  ▼

X  

FN2220 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # FN2220
Description  DC-Busbar EMC/RFI Filter for EV charging applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2220 Datasheet(HTML) 4 Page - Schaffner International Ltd

  FN2220 Datasheet HTML 1Page - Schaffner International Ltd FN2220 Datasheet HTML 2Page - Schaffner International Ltd FN2220 Datasheet HTML 3Page - Schaffner International Ltd FN2220 Datasheet HTML 4Page - Schaffner International Ltd FN2220 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EMC/EMI Products
Schaffner Group
Datasheets
27 Oct 2021
FN222X and FN223X
X
D
P
Z
M 10
B
L
E
A
FN224X
B
A
L
E
M 10
P
Z
X
D
V
Dimensions*
FN222X and FN223X
FN224X
150 A
300 A
450 A
600 A
150 A
300 A
450 A
600 A
Tolerances
A
145
145
145
145
145
145
145
145
±1
B
163
163
163
163
122
122
122
122
C
95
95
95
95
128
128
128
128
±1
D
205
210
210
210
205
210
210
210
±2
E
182
182
182
182
187
187
187
187
F
110
110
110
110
95
95
95
95
G
9
9
9
9
7
7
7
7
L
200
200
200
200
200
200
200
200
P
67
67
67
67
67
67
67
67
±1
U
48
48
48
48
48
48
48
48
±1
V
20
25
25
25
20
25
25
25
W
3
4
8
8
3
4
8
8
X
10
12.5
12.5
12.5
10
12.5
12.5
12.5
Z
9
11
11
11
9
11
11
11
* All dimensions in mm. For dimensions without stated tolerances: ISO 2768-m/EN 22768-m applies.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com