Electronic Components Datasheet Search
  English  ▼

X  

74F534 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F534
Description  Latch/flip-flop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F534 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F534 Datasheet HTML 1Page - NXP Semiconductors 74F534 Datasheet HTML 2Page - NXP Semiconductors 74F534 Datasheet HTML 3Page - NXP Semiconductors 74F534 Datasheet HTML 4Page - NXP Semiconductors 74F534 Datasheet HTML 5Page - NXP Semiconductors 74F534 Datasheet HTML 6Page - NXP Semiconductors 74F534 Datasheet HTML 7Page - NXP Semiconductors 74F534 Datasheet HTML 8Page - NXP Semiconductors 74F534 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F533,* 74F534
Latch/flip-flop
74F533 Octal Transparent Latch, Inverting (3-State)
74F534 Octal D Flip-Flop, Inverting (3-State)
2
1999 Jan 08
853-0374 20616
* Discontinued part. Please see the Discontinued Products List.
FEATURES
• 8-bit positive edge-triggered register – 74F534
• 3-State inverting output buffers
• Common 3-State Output register
• Independent register and 3-State buffer operation
DESCRIPTION
The 74F533 is an octal transparent latch coupled to eight 3-State
output buffers. The two sections of the device are controlled
independently by Enable (E) and Output Enable (OE) control gates.
The data on the D inputs is transferred to the latch outputs when the
Enable (E) input is High. The latch remains transparent to the data
input while E is High and stores the data that is present one setup
time before the High-to-Low enable transition.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active Low Output Enable (OE) controls all eight 3-State buffers
independent of the latch operation. When OE is Low, the latched or
transparent data appears at the outputs. When OE is High, the
outputs are in high impedance “off” state, which means they will
neither drive nor load the bus.
The 74F534 is an 8-bit edge-triggered register coupled to eight
3-State output buffers. The two sections of the device are controlled
independently by the Clock (CP) and Output Enable (OE) control
gates.
The register is fully edge-triggered. The state of each D input, one
setup time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active Low Output Enable (OE) controls all eight 3-State buffers
independent of the latch operation. When OE is Low, the latched or
transparent data appears at the outputs. When OE is High, the
outputs are in high impedance “off” state, which means they will
neither drive nor load the bus.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F533
5.5ns
41mA
TYPE
TYPICAL fMAX
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F534
165MHz
51mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL
RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-Pin Plastic DIP
N74F534N
SOT146-1
20-Pin Plastic SOL
N74F534D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 - D7
Data inputs
1.0/1.0
20
µA/0.6mA
E (74F533)
Enable input (active High)
1.0/1.0
20
µA/0.6mA
OE
Output Enable input (active Low)
1.0/1.0
20
µA/0.6mA
CP (74F534)
Clock Pulse input (active rising edge)
1.0/1.0
20
µA/0.6mA
Q0 - Q7
Data outputs
150/40
3.0mA/24mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com