Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 2 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  Modul surface mount housing 12 port pure white, unequipped
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 2 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data sheet
Modul surface mount housing 12 port pure white, unequipped
Page 2/6
P/N
130861-1202-E
EAN 4250184114420
2022/07/13
Version: P
Technical Data
General Data
Fields of application
office areas
Mechanical measurement according to MICE
M1
Ingress measurement according to MICE
I1
Climatic measurement according to MICE
C1
Electromagnetic measurement according to MICE
E3
Design
patch panel
Color
Pure white RAL 9010
Dimensions
Dimension (L x W x H)
110 mm x 240.5 mm x 43.63 mm
Dimension (L x W x H)
4.331 in. x 9.469 in. x 1.718 in.
Modularity
yes
Connections/interfaces
Number of ports interface 1
12
Number of equipped ports interface 1
0
Number of ports interface 2
12
Number of ports interface 2 equipped
0
Mechanical data
Cut-out
module
strain relief
cable tie
Materials and material properties
Material - Housing
aluminium-zinc sheet
Material - Front cover
aluminium-zinc sheet
Material - Cover
steel
Halogen free
yes
Silicone free
no paint wetting interfering substances (LaBS) in the process
chain
LaBS Note
subsequent contamination possible due to handling and possible
storage in your company
RoHS
compliant
REACH
compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com