Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 2 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  Modul 19 inch module frame 1RU 24 Port light gray unequipped, shielded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 2 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 7Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data sheet
Modul 19 inch module frame 1RU 24 Port light gray
unequipped,
shielded
Page 2/7
P/N
130920-00-E
EAN 4250184106111
2022/07/14
Version: O
Technical Data
General Data
Fields of application
office areas
Mechanical measurement according to MICE
M1
Ingress measurement according to MICE
I1
Climatic measurement according to MICE
C1
Electromagnetic measurement according to MICE
E3
Design
patch panel
Shielding
shielded
Color
light gray
Dimensions
Dimension (L x W x H)
95 mm x 482.6 mm x 44.45 mm
Dimension (L x W x H)
3.74 in. x 19 in. x 1.75 in.
Inches
19 inches
Height unit
1RU
Modularity
yes
Labeling option
label window with identification label + printed numbers
Connections/interfaces
Number of ports interface 1
24
Number of equipped ports interface 1
0
Number of ports interface 2
24
Number of ports interface 2 equipped
0
Grounding wire length
0.3 m
Grounding wire length
0.98 ft
Ground connection
grounding bolt M6x10 with nut and lock washer
Mechanical data
Cut-out
module
strain relief
yes
Materials and material properties
Material - Subrack
Al (Aluminium)
Material - Subrack finish
silver anodized
Material - Module support
ABS
Material - Cable guide
ABS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com