Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 3 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  Modul 19 inch module frame 1RU 24 port black unequipped, shielded
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 3 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data sheet
Modul 19 inch module frame 1RU 24 port black unequipped,
shielded
Page 3/6
P/N
130920-BK-E
EAN 4250184126478
2022/07/14
Version: O
Technical Data
Materials and material properties
Material - Dust protection
ABS
Material - Label window
ABS, transparent
Halogen free
yes
Silicone free
no paint wetting interfering substances (LaBS) in the process
chain
LaBS Note
subsequent contamination possible due to handling and possible
storage in your company
RoHS
compliant
REACH
compliant
Environmental conditions
Temperature (min. - max.)
Temperature - Storage °C
-40 °C - 70 °C
Temperature - Storage °F
-40 °F - 158 °F
Temperature - Operating °C
-40 °C - 70 °C
Temperature - Operating °F
-40 °F - 158 °F
Approvals
UL listed (file no.)
DUXR.E178484
Classifications
ETIM 5.0
EC001128
ETIM 6.0
EC001128
ETIM 7.0
EC002006
ETIM 8.0
EC002006
Packing details
Type of packaging
1 pc(s) / box
Packaging unit - Weight (gram)
595 g
Packaging unit - Weight (pound)
1.31 lb
Packaging dimension
520 mm x 180 mm x 46 mm
Packaging dimension
20.472 in. x 7.087 in. x 1.811 in.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com