Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 2 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  E-DAT modul REG 1 port IP20 light gray
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 2 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 7Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data sheet
E-DAT modul REG 1 port IP20 light gray
Page 2/7
P/N
1309426003-E
EAN 4250184106586
2023/01/13
Version: A
Technical Data
General Data
Fields of application
office areas
Mechanical measurement according to MICE
M1
Ingress measurement according to MICE
I1
Climatic measurement according to MICE
C1
Electromagnetic measurement according to MICE
E2
Design
wall outlet
Mounting style
Standard rail TH35
Shielding
shielded
Transmission technology
Copper
Color
light gray
Dimensions
Dimension (L x W x H)
60 mm x 17.5 mm x 52.2 mm
Dimension (L x W x H)
2.362 in. x 0.689 in. x 2.055 in.
Horizontal pitch
1HP
Labeling option
label window with identification label
Marking option
by dust protection
Transmission characteristics
Category (ISO)
6A
Class (ISO/IEC)
EA
Category (TIA)
6A
Remote Powering
yes
PoE
IEEE 802.3af
PoE plus
IEEE 802.3at
UPoE
yes
4PPoE
IEEE 802.3bt
HDBaseT
yes
Transmission rate up to 10 GBit
IEEE 802.3an



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com