Electronic Components Datasheet Search
  English  ▼

X  

130792 Datasheet(PDF) 4 Page - METZ CONNECT GmbH

Part # 130792
Description  C6Amodul 24 port 180°M 1RU stainless steel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130792 Datasheet(HTML) 4 Page - METZ CONNECT GmbH

  130792 Datasheet HTML 1Page - METZ CONNECT GmbH 130792 Datasheet HTML 2Page - METZ CONNECT GmbH 130792 Datasheet HTML 3Page - METZ CONNECT GmbH 130792 Datasheet HTML 4Page - METZ CONNECT GmbH 130792 Datasheet HTML 5Page - METZ CONNECT GmbH 130792 Datasheet HTML 6Page - METZ CONNECT GmbH 130792 Datasheet HTML 7Page - METZ CONNECT GmbH 130792 Datasheet HTML 8Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data sheet
C6Amodul 24 port 180°M 1RU stainless steel
Page 4/8
P/N
130B11P1-E
EAN 4250184131755
2023/02/15
Version: Y
Technical Data
Electrical characteristics
Current carrying capacity
max. 1 A at 60 °C
Rated voltage
max. 60 V DC
Contact resistance
max. 20 mOhm
Through resistance
max. 200 mOhm
Insulation resistance
min. 500 MOhm
Dielectric strength conductor-conductor (secondary)
max. 1000 V DC
Dielectric strength conductor-conductor, peak value
(secondary)
max. 1.000 V AC
Dielectric strength conductor-shield
max. 1500 V DC
Dielectric strength conductor-shield, peak value
max. 1500 V AC
Mechanical data
Cut-out
module
Insertion and withdrawal force
max. 30 N
Life - Number of mating cycles
min. 750
Position/mounting of latch
standard installation position
top
strain relief
latching clip
Materials and material properties
Material - Jack housing
GD-Zn (zinc die-cast)
Material - Jack contact
Spring steel
Material - Jack contact finish
AuCo
Material - Jack shield
CuSn6
Material - Stuffer cap
PA 6.6 UL94 V0
Material - Strain relief
stainless steel
Material - Front cover
stainless steel
Material - Module support
stainless steel
Halogen free
yes
Silicone free
no paint wetting interfering substances (LaBS) in the process
chain
LaBS Note
subsequent contamination possible due to handling and possible
storage in your company
RoHS
compliant
REACH
compliant



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com