Electronic Components Datasheet Search
  English  ▼

X  

STW13NK100Z Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STW13NK100Z
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STW13NK100Z Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STW13NK100Z Datasheet HTML 1Page - Inchange Semiconductor Company Limited STW13NK100Z Datasheet HTML 2Page - Inchange Semiconductor Company Limited STW13NK100Z Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
STW13NK100Z
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID= 0.25mA
1000
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID= 0.25mA
2.5
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 6A
1.0
Ω
IGSS
Gate-Source Leakage Current
VGS=±30V;VDS= 0V
±
100
nA
IDSS
Drain-Source Leakage Current
VDS= 1000V; VGS= 0V
1.0
uA
Ciss
Input Capacitance
VGS = 0V,
VDS = 25V,
f = 1.0MHz
-
3750
-
pF
Coss
Output Capacitance
-
240
-
Crss
Reverse Transfer Capacitance
-
30
-
Qg
Total Gate Charge
VDD = 500V,
ID = 12A,
VGS = 10V
-
73
-
nC
Qgs
Gate-Source Charge
-
16
-
Qgd
Gate-Drain Charge
-
27
-
td(on)
Turn-on Delay Time
VDD = 500V,
ID = 12A,
RG = 9.1Ω ,
VGS = 10V
-
35
-
ns
tr
Turn-on Rise Time
-
36
-
td(off)
Turn-off Delay Time
-
44
-
tf
Turn-off Fall Time
-
35
-
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
Tc = 25 ºC
-
-
12
A
ISM
Pulsed Source Current
-
-
48
VSD
Diode Forward Voltage
ISD= 12A; VGS= 0V
-
-
1.5
V
trr
Reverse Recovery Time
VGS = 0V,
Is = 12A,
di/dt = 100A /μs
-
-
850
ns
Qrr
Reverse Recovery Charge
-
-
4.4
uC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com