Electronic Components Datasheet Search
  English  ▼

X  

CPD2320 Datasheet(PDF) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CPD2320
Description  Inductor for Digital AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CPD2320 Datasheet(HTML) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

  CPD2320 Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CPD2320 Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CPD2320 Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CPD2320 Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Inductor for Digital AMP
CPD2320 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice.Please check web site for latest information.
Revised: 07/14/2020
5 Packing Specification
5.1 Plastic Tray Dimensions (mm)
5.2 Packing(mm)
L
typ
W
typ
H
typ
No. of Tray
(Pcs)
Packaging
Unit(Pcs)
Material
265
205
25
1
30
Paper
Packaging
Unit (Pcs)
Material
30
APET
L typ
W typ
H typ
No. of Inner Carton
Packaging Unit( Pcs)
Material
275
232
261
9
270
Paper



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com