Electronic Components Datasheet Search
  English  ▼

X  

LSF0102 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0102 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments LSF0102 Datasheet HTML 18Page - Texas Instruments LSF0102 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
8.4.1 Up and Down Translation
Up Translation:
When the signal is being driven from A to B and the An port is HIGH, the switch will be OFF and the Bn port
will then be driven to a voltage higher than Vref_A by the pullup resistor that is connected to the pull-up supply
voltage (Vpu#). This functionality allows seamless translation between higher and lower voltages selected by the
user, without the need for directional control. Pull-up resistors are always required on the high side, and pull-ups
are only required on the low side if the low side device's output is open drain or its input has a leakage greater
than 1 µA.
Vref_A
VCCB
EN
200 kΩ
A1
A2
B1
B2
GND
LSF0108
Vref_B
3.3 V
Device
3.3 V
RB1
0.1 μF
RA1
1.8 V
Device
1.8 V
VCCA
Figure 8-2. Up Translation Example Schematic with Push-Pull and Open Drain Configuration
Up translation with the LSF requires attention to two important factors: maximum data rate and sink current.
Maximum data rate is directly related to the rising edge of the output signal. Sink current depends on supply
values and the chosen pull-up resistor values. Equation 1 below shows the maximum data rate formula and
equation 2 presents the maximum sink current formula, both of which are estimations. A low RC value is needed
to reach high speeds, which also require strong drivers. Please see the Up Translation with the LSF Family video
for estimated data rate and sink current calculations based on circuit components.
Down Translation:
1
3×2RB1CB1=  16RB1CB1  bitssecond
(1)
IOL ≅ VCCARA1+ VCCBRB1 A
(2)
When the signal is being driven HIGH from the Bn port to An port, the switch will be OFF, clamping the voltage
on the An port to the voltage set by Vref_A. A pull-up resistor can be added on either side of the device. There
are special circumstances that allow the removal of one or both of the pull-up resistors. If the signal is always
going to be down translated from a push-pull transmitter, then the resistor on the B-side can be removed. If
the leakage current into the receiver on the A-side is less than 1 µA, then the resistor on the A-side can also
be removed. This arrangement with no external pull-up resistors can be used when down translating from a
push-pull output to a low-leakage input. For an open drain transmitter, the pull-up resistor on the B-side is
necessary because an open drain output can't drive high by itself. Refer to Table 8-2 for a summary of device
operation. For additional details on the functional operation of the LSF family of devices, see the Up Translation
with the LSF Family and Down Translation with the LSF Family videos.
www.ti.com
LSF0108
SDLS966L – DECEMBER 2013 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LSF0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com