Electronic Components Datasheet Search
  English  ▼

X  

CMC01R Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMC01R
Description  T-1 StatusPak Circuit Board Indicators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMC01R Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMC01R Datasheet HTML 1Page - Chicago Miniature Lamp,inc CMC01R Datasheet HTML 2Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIP TION A ND FE A T URES
T-1 StatusPak™ Circuit Board Indicators
1-163
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
625
565
590
625
2.5
2.5
2.5
2.5
2.0
2.2
2.1
2.0
30
30
30
30
25.0
60.0
60.0
60.0
8.0
24.0
24.0
24.0
H.E .R ed
H.E .G reen
Yellow
H.E .R ed
(V )
Max.
(V )
Typ.
(mcd)
Typ.
(mcd)
Min.
(degrees )
Angle
Viewing
(nm)
Wavelength
Peak
Forward V oltage
Luminous Intens ity
Emitted
Color
Part Number
CMC01R
CMC01Y
CMC01G
CMC01S
Color
Lens
Clear
Clear
Clear
Red
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Package
Type
590
625
565
590
2.5
2.5
2.5
2.5
2.1
2.0
2.2
2.1
120
130
30
30
12.5
20.0
25.0
25.0
3.2
3.2
8.0
8.0
Yellow
H.E .R ed
H.E .G reen
Yellow
CMC01Z
CMC01H
CMW01R
CMW01Y
Yellow
Green
Red
Yellow
Diffus ed
Diffus ed
Non-Diffus ed
Non-Diffus ed
565
590
625
565
2.5
2.5
2.5
2.5
2.2
2.1
2.0
2.2
120
120
120
120
2.0
2.0
2.0
12.5
1.0
1.0
1.0
3.2
H.E .G reen
Yellow
H.E .R ed
H.E .G reen
CMW01G
CMW01S
CMW01Z
CMW01H
Green
Red
Yellow
Green
Diffus ed
Diffus ed
Diffus ed
Diffus ed
Printed C ircuit B oard as s embly has been made fas ter and eas ier thaneverbefore. Now you canmount from one to ten circuit
board indicators , as a s ingle unit, in one eas y s tep.
T-1 S tatus P ak™ is cus tomized to your s pecification. Y ou choos e the number of LE Ds , color s equence and pos ition.
Status P ak™ is s hipped to you as a complete unit, ready for one-s tep P C board mounting. Unique s nap-together feature
allows you to add or take away S tatus P ak™ modules as needed without any s pecial tooling. S tatus P ak™ T -1 LE Ds are offered
in 12 s tandard types . Nearly 50 more T -1 LE D types are available on s pecial order. S tandard trans parent T -1 LE Ds with
brightnes s intens ities of up to 60mcd are offered for direct view and backlighting applications . S tandard diffus ed T -1 LE Ds
are offered for s tatus mode applications that require high brightnes s and wide angle viewing.
Mounting hole pattern on page 1-X 3.
.020 T Y P .
CAT HODE
Ø.125
.040
.218
.095±.020
.135 MIN.
MAX .
.286
.200
.190±.020
.100
.182/.192
All dimensions in inches.
.100
.192
TY P .
.020 S Q.
TY P .
CAT HODE


Similar Part No. - CMC01R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMC01 TOSHIBA-CMC01 Datasheet
194Kb / 5P
SILICON DIFFUSED TYPE For Strobe Discharge Circuit
CMC01 TOSHIBA-CMC01_06 Datasheet
194Kb / 5P
SILICON DIFFUSED TYPE For Strobe Discharge Circuit
More results

Similar Description - CMC01R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L130WDT ETC-L130WDT Datasheet
124Kb / 4P
T-1 RIGHT ANGLE INDICATORS
logo
Chicago Miniature Lamp,...
6321F1 CML-6321F1 Datasheet
26Kb / 1P
T-1 Circuit Board Indicator
CM101S CML-CM101S Datasheet
27Kb / 1P
T-1 3/4 StatusPak Circuit Board Indicators
5310F CML-5310F Datasheet
71Kb / 1P
T-1 LED Circuit Board Indicator
6321F CML-6321F Datasheet
236Kb / 1P
T-1 Circuit Board Indicator
logo
Visual Communications C...
5310F VCC-5310F Datasheet
108Kb / 1P
T-1 LED Circuit Board Indicator
5311F VCC-5311F Datasheet
102Kb / 1P
Super Brite T -1 LED Circuit Board Indicator
6321F VCC-6321F Datasheet
105Kb / 1P
T-1 Circuit Board Indicator
CM01R VCC-CM01R Datasheet
149Kb / 2P
Rectangular StatusPak??Circuit Board Indicators
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
Circuit Board Indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com