Electronic Components Datasheet Search
  English  ▼

X  

VO615C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO615C
Description  Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO615C Datasheet(HTML) 4 Page - Vishay Siliconix

  VO615C Datasheet HTML 1Page - Vishay Siliconix VO615C Datasheet HTML 2Page - Vishay Siliconix VO615C Datasheet HTML 3Page - Vishay Siliconix VO615C Datasheet HTML 4Page - Vishay Siliconix VO615C Datasheet HTML 5Page - Vishay Siliconix VO615C Datasheet HTML 6Page - Vishay Siliconix VO615C Datasheet HTML 7Page - Vishay Siliconix VO615C Datasheet HTML 8Page - Vishay Siliconix VO615C Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VO615C
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 17-Sep-14
4
Document Number: 83500
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• As per DIN EN 60747-5-5, 2, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of protective circuits.
(1) Only for option 6.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 5 - Forward Voltage vs. Forward Current
Fig. 6 - Collector Current vs. Collector Emitter Voltage (NS)
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
MAXIMUM SAFETY RATINGS
Output safety power
PSO
700
mW
Input safety current
Isi
400
mW
Safety temperature
TS
175
°C
Comparative tracking index
CTI
175
INSULATION RATED PARAMETERS
Maximum withstanding isolation voltage
VISO
5300
VRMS
Maximum transient isolation voltage
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
565
Vpeak
VIORM (1)
1140
Vpeak
Insulation resistance
Tamb = 25 °C, VDC = 500 V
RIO
 1012
Isolation resistance
Tamb = 100 °C, VDC = 500 V
RIO
 1011
Climatic classification (according to IEC 68 part 1)
55/110/21
Environment (pollution degree in accordance to DIN VDE 0109)
2
Internal and external creepage
Standard DIP-4
 7
mm
400 mil DIP-4
 8
mm
Clearance
Standard DIP-4
 7
mm
400 mil DIP-4
 8
mm
Insulation thickness
0.4
mm
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
V
F - Forward Voltage (V)
T
amb = 50 °C
T
amb = 25 °C
T
amb = 75 °C
T
amb = 110 °C
T
amb = 0 °C
T
amb = -40 °C
T
amb = -55 °C
0
10
20
30
40
50
60
0123456789
10
V
CE - Collector Emitter Voltage (V)
I
F = 30 mA
I
F = 35 mA
I
F = 1 mA
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 5 mA
I
F = 25 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com