Electronic Components Datasheet Search
  English  ▼

X  

CTN640 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CTN640
Description  Complementary Transistors in Plastic Package for Driver Stage of Audio Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CTN640 Datasheet(HTML) 3 Page - Continental Device India Limited

  CTN640 Datasheet HTML 1Page - Continental Device India Limited CTN640 Datasheet HTML 2Page - Continental Device India Limited CTN640 Datasheet HTML 3Page - Continental Device India Limited CTN640 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 4
CTN635, CTN637, CTN639
CTN636, CTN638, CTN640
DC Current Gain
DC Current Gain
DC Current Gain
DC Current Gain
DC Current Gain
VCE = 2V
IC Collector Current (mA)
Current Gain Bandwidth Product
Current Gain Bandwidth Product
Current Gain Bandwidth Product
Current Gain Bandwidth Product
Current Gain Bandwidth Product
VCE = 2V
I
C Collector Current (mA)
Saturation and On Voltages
Saturation and On Voltages
Saturation and On Voltages
Saturation and On Voltages
Saturation and On Voltages
I
C Collector Current (mA)
VBEon at VCE = 2V
VCEsat at IC/IB = 10
VBEsat at IC/IB = 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com