Electronic Components Datasheet Search
  English  ▼

X  

74F541 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F541
Description  Octal inverter buffer 3- State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F541 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F541 Datasheet HTML 1Page - NXP Semiconductors 74F541 Datasheet HTML 2Page - NXP Semiconductors 74F541 Datasheet HTML 3Page - NXP Semiconductors 74F541 Datasheet HTML 4Page - NXP Semiconductors 74F541 Datasheet HTML 5Page - NXP Semiconductors 74F541 Datasheet HTML 6Page - NXP Semiconductors 74F541 Datasheet HTML 7Page - NXP Semiconductors 74F541 Datasheet HTML 8Page - NXP Semiconductors 74F541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F540, 74F541
Buffers
1990 Jan 08
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
NO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
IO = 3mA
±10%VCC
2.4
V
VO
High level output voltage
VCC = MIN,
VIL = MAX
IOH = –3mA
±5%VCC
2.7
3.4
V
VOH
High-level output voltage
VIL = MAX,
VIH = MIN
IO = 15mA
±10%VCC
2.0
V
IOH = –15mA
±5%VCC
2.0
V
VO
Low level output voltage
VCC = MIN,
VIL = MAX
IO = MAX
±10%VCC
0.55
V
VOL
Low-level output voltage
VIL = MAX,
VIH = MIN
IOL = MAX
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input
voltage
VCC = 0.0V, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–20
µA
IOZH
Off-state output current
High-level voltage applied
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state output current
Low-level voltage applied
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short-circuit output currentNO TAG
VCC = MAX
–100
–225
mA
ICCH
In=OEn=GND
22
30
mA
74F540
ICCL
In=4.5V, OEn=GND
58
75
mA
ICC
Supply current
ICCZ
VCC = MAX
In=GND, OEn=4.5V
40
55
mA
ICC
y
(total)
ICCH
VCC = MAX
In=4.5V, OEn=GND
30
40
mA
74F541
ICCL
In=OEn=GND
55
72
mA
ICCZ
In=GND, OEn=4.5V
45
58
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value under the recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS should be performed last.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com