Electronic Components Datasheet Search
  English  ▼

X  

EXQ50 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # EXQ50
Description  36-50W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXQ50 Datasheet(HTML) 1 Page - Artesyn Technologies

  EXQ50 Datasheet HTML 1Page - Artesyn Technologies EXQ50 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC CONVERTERS
36-50W High Efficiency DC/DC Converters
1
2 YEAR WARRANTY
EXQ50 Series
Single output
• High efficiency topology, 90% at 5V and 86.5% typical at 1.8V
• Low profile, open-frame package
• Industry standard footprint
• Wide operating temperature, -40°C to +90°C
(with derating)
• 90% to 110% output trim
• No minimum load
• Remote on/off
EXQ50 series high-efficiency, open-frame, isolated DC/DC converters have an industry
standard quarter-brick footprint and a height of just 0.4 inches. The converters provide
up to 50 Watts of output power, are capable of delivering very high current at low
voltages, and offer exceptional power densities for today’s high-end applications. The
first four models in the series feature an input voltage range of 33 to 75VDC and are
available with output voltages of 5.0V, 3.3V, 2.5V or 1.8V. The output voltage of each
model is adjustable from 90% to 110% of its nominal value. Typical efficiencies are
90% for the 5V model, 89% for the 3.3V, 88% for the 2.5V and 86.5% for the 1.8V. All
EXQ50 series converters have a remote on/off capability, and are fully protected against
over-voltage, over-temperature and short-circuit conditions. Featuring full international
safety approval, including EN60950 (TÜV Product Service) and UL/cUL 60950, EXQ50
series converters reduce compliance costs and time to market.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 2)
Level A
EN55022 (See Note 2)
Level B
Radiated emissions
EN55022
Level A
Immunity:
ESD air
EN61000-4-2
8kV, 15kV
ESD contact
EN61000-4-2
6kV, 8kV
EFT DC Input
EN61000-4-4
2kV (NP)
Radiated field enclosure
EN61000-4-3
10V/m
Conducted (DC power)
EN61000-4-6
10V (NP)
Conducted (signal)
EN61000-4-6
10V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Operational insulation
Input/output
1500VDC
Switching frequency
Fixed
350kHz
Approvals and
EN60950 (TÜV Product Service)
standards (See Note 4)
UL/cUL60950
Material flammability
UL94V-0
Weight
25g (0.88oz)
MTBF
MIL-HDBK-217F
>292,000 hours
@ 40°C, 100% load
ground benign
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating temperature
-40°C to +90°C
Non-operating
-40°C to +125°C
OUTPUT SPECIFICATIONS
Total error
(See Note 8)
4.5%
Set point accuracy
±2.0% max.
Line regulation
Low line to high line
0.3% max.
Load regulation
Full load to min. load
0.3% max.
Voltage adjustability
90% to 110%
Output remote
(See Note 9)
10%
sense range
Minimum load
0A
Overshoot
At turn-on and turn-off
None
Undershoot
None
Ripple and noise
5Hz to 20MHz
120mV pk-pk
30mV rms
Transient response
5% max. deviation
(See Note 1)
200µs recovery to
within total error band
INPUT SPECIFICATIONS
Input voltage range
48Vin nominal
33 to 75VDC
Input current
No load
60mA
Remote OFF
25mA
Input current (max.)
1.73A max. @ Io max.
(See Note 3)
and Vin = 33
Input reflected ripple
(See Note 5)
110mA (pk-pk)
Active high remote ON/OFF
(See Note 7)
Logic compatibility
Open collector ref to -input
ON
Open circuit or <12VDC
OFF
<1.2VDC
Undervoltage lockout
Power up
32.5V
Power down
30.5V
Start-up time
Power up
10ms
(See Note 6)
Remote ON/OFF
3ms
SPECIFICATIONS
File Name: EXQ50S.PDF Rev: 01 Nov 2002
TÜV


Similar Part No. - EXQ50

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
36-100W High Efficiency DC/DC Converters
EXQ125-48S05 ARTESYN-EXQ125-48S05 Datasheet
49Kb / 2P
36-100W High Efficiency DC/DC Converters
EXQ125-48S05J ARTESYN-EXQ125-48S05J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXQ125-48S12 ARTESYN-EXQ125-48S12 Datasheet
49Kb / 2P
36-100W High Efficiency DC/DC Converters
EXQ125-48S12J ARTESYN-EXQ125-48S12J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
More results

Similar Description - EXQ50

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15E ARTESYN-SMT15E Datasheet
113Kb / 2P
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
SXQ50 ARTESYN-SXQ50 Datasheet
128Kb / 2P
36-50W High Efficiency DC/DC Converters
EXB50 ARTESYN-EXB50 Datasheet
52Kb / 2P
50W High Efficiency DC/DC Converters
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
36-100W High Efficiency DC/DC Converters
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
High-Efficiency DC-DC Converters
logo
Artesyn Technologies
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
High-Efficiency DC-DC Converters
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
High-Efficiency DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com