Electronic Components Datasheet Search
  English  ▼

X  

EXQ60 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # EXQ60
Description  60W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXQ60 Datasheet(HTML) 1 Page - Artesyn Technologies

  EXQ60 Datasheet HTML 1Page - Artesyn Technologies EXQ60 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC CONVERTERS
60W High Efficiency DC/DC Converters
1
2 YEAR WARRANTY
EXQ60D Series
Dual positive output
• Two positive outputs
• Output voltage tracking
• High efficiency
• Approved to EN60950 (TÜV Rheinland), UL/cUL1950
• Operating baseplate temperature of -40°C to +100°C
• Up to 100% load imbalance
• Trim function
• No minimum load
• Complies with ETS 300 019-1-3/2-3
• Fully compliant with ETS 300 386-1
The EXQ60 is a new high efficiency, open frame, isolated 60 Watt converter series in an
industry standard quarter-brick footprint. The EXQ60 delivers very high output current at
low voltages, and excellent useable power density for today's high end applications.
The first two models in the series feature an input voltage range of 33 to 75VDC and are
available in output voltages of 5V/3.3V and 3.3V/2.5V. The output voltage on each
model is adjustable from 90% to 110% of the nominal value. Typical efficiencies for the
models are 91% for the 5V/3.3V and 90% for the 3.3V/2.5V version. The EXQ60 series
also has a remote on/off capability. Overcurrent and overvoltage protection features are
included as standard. With full international safety approval including EN60950, (TÜV
Rheinland) and UL/cUL1950, the EXQ60 reduces compliance costs and time to market.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS
ETS 300 386-1 table 5
Conducted emissions
EN55022 with external filter
Level A
EN55022 with external filter
Level B
Radiated emissions
EN55022
Level B
Immunity:
ESD air
EN61000-4-2
8kV (NP), 15kV (RP)
ESD contact
EN61000-4-2
6kV (NP), 8kV (RP)
Radiated field enclosure
EN61000-4-3
10V/m (NP)
Conducted (DC power)
EN61000-4-6
10V (NP)
Conducted (signal)
EN61000-4-6
10V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Operational insulation
Input/output
1500VDC
Input/baseplate
1500VDC
Input fuse
5.0A slow blow
Switching frequency
Fixed
400kHz (5V/3V3)
325kHz (3V3/2V5)
Approvals and standards
UL/cUL1950, EN60950
(See Notes 2 and 3)
TÜV Rheinland
Weight
45g (1.6 oz)
MTBF
MIL-HDBK-217F
>270,000 hours
@ 25°C, 100% load
ground benign
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating baseplate
-40°C to +100°C
temperature
Non-operating
-40°C to +125°C
OUTPUT SPECIFICATIONS
Voltage adjustability
Both outputs
±10%
Setpoint accuracy
Both outputs (See Note 1)
±1% max.
Output voltage
5V/3.3V
4.75V < Vo1 < 5.23V
3.20V < Vo2 < 3.43V
(over all line and
3.3V/2.5V
3.18V < Vo1 < 3.48V
load conditions)
2.39V < Vo2 < 2.60V
Minimum load
Both outputs
0%
Ripple and noise
20MHz bandwidth
60mV pk-pk max.,
20mV rms max.
Transient response
50% to 75% and back
120mV/80mV
peak dev. settling time
to 1.0%, no external cap.
100µs
Short circuit protection
Both outputs
Tracking
Outputs track
start-up and shutdown
INPUT SPECIFICATIONS
Input voltage range
48Vin nominal
33 to 75VDC
Input current
No load
60mA max.
Remote OFF
20mA max.
UVLO turn ON voltage
33V (typ)
UVLO turn OFF voltage
30V (typ)
Start-up time
Nominal line
8ms (typ)
Active high remote ON/OFF
(See Note 4)
Logic compatibility
Open Collector ref. to -input
ON
Open circuit or >4VDC
OFF
<1.2VDC
SPECIFICATIONS
File Name: EXQ60D.PDF Rev: 24 July 2002
TÜV


Similar Part No. - EXQ60

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ60-48D05-3V3J ARTESYN-EXQ60-48D05-3V3J Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
EXQ60-48D05-3V3J EMERSON-NETWORKPOWER-EXQ60-48D05-3V3J Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Artesyn Technologies
EXQ60-48D3V3-2V5J ARTESYN-EXQ60-48D3V3-2V5J Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
EXQ60-48D3V3-2V5J EMERSON-NETWORKPOWER-EXQ60-48D3V3-2V5J Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Artesyn Technologies
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
More results

Similar Description - EXQ60

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
High Efficiency DC/DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
High-Efficiency DC-DC Converters
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
High-Efficiency DC-DC Converters
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
High-Efficiency DC-DC Converters
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
High-Efficiency DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com