Electronic Components Datasheet Search
  English  ▼

X  

GIPTADH Datasheet(PDF) 1 Page - Belden Inc.

Part # GIPTADH
Description  Indoor tight buffered patchcord LSZH jacket 2.4mm heavy DX SM OS2 G.652.D & G.657.A1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPTADH Datasheet(HTML) 1 Page - Belden Inc.

  GIPTADH Datasheet HTML 1Page - Belden Inc. GIPTADH Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIPTADH
Indoor tight buffered patchcord LSZH jacket 2.4mm heavy DX SM OS2
G.652.D & G.657.A1.
Product Description
Indoor tight buffered patchcord with Low Smoke Zero Halogen outer jacket. 2.4mm heavy duplex SM OS2 G.652.D & G.657.A1.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
OS2
G.652D & G.657A1
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OS2
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
Yes
Bulk Cable Weight:
37 kg/km
SubUnit Specifications
Number of Active Subunits:
2
Number of Subunit Positions:
2
Fibers Per Subunit:
1
Subunit Diameter:
2.4 mm
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) Orange 3.4 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1310 nm:
0.40 dB/km
Max. Attenuation at 1550 nm:
0.30 dB/km
Max. Attenuation at 1625 nm:
0.30 dB/km


Similar Part No. - GIPTADH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPTAD1 BELDEN-GIPTAD1 Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.4mm simplex SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAD2 BELDEN-GIPTAD2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.4mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
More results

Similar Description - GIPTADH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPSABH BELDEN-GIPSABH Datasheet
141Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 1.8mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPSAD2 BELDEN-GIPSAD2 Datasheet
141Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.4mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPSADH BELDEN-GIPSADH Datasheet
142Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.4mm heavy DX SM OS2 G.652.D & G.657.A1.
01-19-2023
GIPTAAH BELDEN-GIPTAAH Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.6mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTABH BELDEN-GIPTABH Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTACH BELDEN-GIPTACH Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAD2 BELDEN-GIPTAD2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.4mm DX Zip SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAEH BELDEN-GIPTAEH Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.8mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAFH BELDEN-GIPTAFH Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
GIPTAHH BELDEN-GIPTAHH Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.1mm heavy DX SM OS2 G.652.D & G.657.A1.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com