Electronic Components Datasheet Search
  English  ▼

X  

FC-101 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # FC-101
Description  Fuse Clips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FC-101 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  FC-101 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Specifications subject to change without notice
Fuse Clips
Material
Brass (65Cu/35Zn), 0.020 inch thick, full hard temper
Plating
Bright tin (150 microinch, minimum), over nicke barrier plate
Solderability
Per Mil-Std-202F, Method 208
Torque
Minimum 1.0 in.-oz. to twist a fuse in a single clip
Extraction
Minimum 2 lbs. to extract a fuse from a single clip
Marking
“bel” die stamped on 1 side
Ampere Rating
FC-101, -102 -up to 15A. FC-201, -211 -up to 10A
NOTE - suitability at higher currents is dependent on
fuse type, circuit conditions,AND PC board design
(track width/thickness, means to solder clip legs, etc).
Each combination of clip, fuse, PC board and operat-
ing condition needs to be evaluated
For 1/4 inch (6.35mm) Diameter Fuses
TYPE FC-101
PC Board Mount
[Ear Stops]
TYPE FC-102
PC Board Mount
[Earless]
For 5mm Diameter Fuses
TYPE FC-201
5mm Clip
PC Board Mount
[Ear Stops]
TYPE FC211
Locking Type
PC Board Mount
[Ear Stops]
The Type FC-211 Locking Clip is designed for 5 mm
diameter fuses, for use in 0.062 inch thick printed cir-
cuit boards.The legs have tabs which “lock” into the
board and prevent “floating” of the clip during wave
solder.This design also allows elimination of the
“clinching” operation on the underside of the board.
BEL
.280
.14
.30
.312
.065
BEL
.280
.14
.30
.312
.065
BEL
.265
.245
.34
.14
.250
.066
.035
.059
.011
.045
.265
.245
.34
.14
.25
.028 REF
.066
65


Similar Part No. - FC-101

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
For 6.3mm Dia
More results

Similar Description - FC-101

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
Fuse Blocks and Clips - For 3AG Fuses
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
Fuse Blocks and Clips
3AG LITTELFUSE-3AG_1 Datasheet
661Kb / 4P
Fuse Blocks and Clips Screw Terminal
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
FUSE BLOCKS AND CLIPS
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
Fuse Blocks and Clips
logo
List of Unclassifed Man...
3550-2 ETC2-3550-2 Datasheet
113Kb / 1P
STANDARD AUTOMOTIVE BLADE FUSE CLIPS , HOLDERS
3513 ETC2-3513 Datasheet
115Kb / 1P
.250 (6.4) DIAMETER FUSE CLIPS
logo
Littelfuse
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
Fuse Blocks and Clips
logo
Cooper Bussmann, Inc.
5592-11 COOPER-5592-11 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com