Electronic Components Datasheet Search
  English  ▼

X  

DC630-124K Datasheet(PDF) 1 Page - API Delevan

Part # DC630-124K
Description  High Current Power Line Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

DC630-124K Datasheet(HTML) 1 Page - API Delevan

  DC630-124K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
90
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series DC630
High Current Power Line Chokes
Physical Parameters
Inches
Millimeters
A
0.630 ± 0.030
16.0 ± 0.762
B (C/L to C/L) See Characteristics table
C
0.750 Min.
19.05 Min.
D
0.810 ± 0.020
20.57 ±0.508
E (Ref. only)
0.195 Max.
4.95 Max.
F
Clearance Hole for 4/40 Screw
Leads Tinned to within 1/16" of Body
Inductance
Measured @ 10 KHz, 25mAdc and 0 Adc @ 25°C
Mechanical Configuration Insulated Ferrite Bobbin
protected with a flame retardant polyolefin sleeve;
Center hole allows for mechanical mounting
Operating Temperature
–55°C to +125°C;
–55°C to +80°C @ full rated current
Current Rating at 80°C Ambient 45°C Rise
Incremental Current Minimum current which
causes a 5% max. change in Inductance
Power Dissipation at 80°C 1.00 Watts Max.
Dielectric Withstanding Voltage 1000 V RMS Min.
Marking Parts printed with DELEVAN and API
Part Number
Packaging Bulk only
0.490
0.490
0.490
0.490
0.490
0.490
0.490
0.490
0.490
0.490
0.490
0.490
0.470
0.460
0.460
0.440
0.430
0.420
0.480
0.480
0.480
0.480
0.480
0.480
0.480
0.480
0.470
0.450
0.450
0.480
0.480
0.480
0.480
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.045
0.040
0.040
0.036
0.032
0.029
0.029
0.029
0.029
0.029
0.029
0.029
0.029
0.029
0.025
0.023
0.020
0.020
0.020
0.020
0.020
14.00
13.50
12.80
12.80
12.80
12.30
11.70
11.70
10.50
10.00
9.50
9.10
8.09
7.00
6.26
5.72
4.95
4.43
3.98
3.77
3.57
3.44
3.21
3.12
2.97
2.80
2.42
2.09
1.72
1.66
1.58
1.52
1.42
68.0
55.5
46.0
42.0
38.0
34.5
31.5
29.0
26.0
24.0
21.5
19.5
17.5
16.0
14.5
13.2
11.9
10.9
10.0
9.20
8.30
7.60
6.80
6.20
5.60
5.10
4.60
4.20
3.80
3.40
3.10
2.90
2.60
0.003
0.004
0.005
0.005
0.005
0.006
0.007
0.007
0.008
0.009
0.010
0.011
0.015
0.020
0.025
0.030
0.040
0.050
0.062
0.069
0.077
0.083
0.095
0.100
0.111
0.125
0.168
0.225
0.315
0.342
0.377
0.408
0.468
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
1.0
1.5
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
SERIES DC630
DC630-102M
DC630-152M
DC630-222M
DC630-272M
DC630-332M
DC630-392M
DC630-472M
DC630-562M
DC630-682M
DC630-822M
DC630-103K
DC630-123K
DC630-153K
DC630-183K
DC630-223K
DC630-273K
DC630-333K
DC630-393K
DC630-473K
DC630-563K
DC630-683K
DC630-823K
DC630-104K
DC630-124K
DC630-154K
DC630-184K
DC630-224K
DC630-274K
DC630-334K
DC630-394K
DC630-474K
DC630-564K
DC630-684K


Similar Part No. - DC630-124K

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC630-124K API-DC630-124K Datasheet
1Mb / 1P
High Current Power Line Chokes
More results

Similar Description - DC630-124K

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC780 API-DC780 Datasheet
26Kb / 1P
High Current Power Line Chokes
DC1050-104K API-DC1050-104K Datasheet
259Kb / 1P
High Current Power Line Chokes
DC1390-153K API-DC1390-153K Datasheet
285Kb / 1P
High Current Power Line Chokes
DC630R API-DC630R Datasheet
1Mb / 1P
High Current Power Line Chokes
DC780R API-DC780R Datasheet
1Mb / 1P
High Current Power Line Chokes
DC1050R API-DC1050R_10 Datasheet
1Mb / 1P
High Current Power Line Chokes
DC1390R API-DC1390R_10 Datasheet
1Mb / 1P
High Current Power Line Chokes
logo
EPCOS
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
Power line chokes Current-compensated frame core double chokes
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
Power line chokes Current-compensated ring core double chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com