Electronic Components Datasheet Search
  English  ▼

X  

RF3300-3PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3300-3PCBA
Description  3V 1900MHz LINEAR AMPLIFIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3300-3PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF3300-3PCBA Datasheet HTML 1Page - RF Micro Devices RF3300-3PCBA Datasheet HTML 2Page - RF Micro Devices RF3300-3PCBA Datasheet HTML 3Page - RF Micro Devices RF3300-3PCBA Datasheet HTML 4Page - RF Micro Devices RF3300-3PCBA Datasheet HTML 5Page - RF Micro Devices RF3300-3PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-548
RF3300-3
Rev A5 030612
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
VDC
Supply Voltage (POUT≤28dBm)
+5.2
VDC
Control Voltage (PA_ON)
+3.6
VDC
Mode Voltage (VMODE)+3.6
VDC
Input RF Power
+10
dBm
Operating Case Temperature
-30 to +100
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power State
(VMODE Low)
Typical Performance at VCC=3.2V,
PA_ON=High, TAMB=25°C,
Frequency=1850MHz to 1910MHz
(unless otherwise specified)
Frequency Range
1850
1910
MHz
Linear Gain
24
25
dB
Second Harmonic
-45
dBc
Third Harmonic
-45
dBc
Maximum Linear Output Power
(CDMA Modulation)
28
dBm
Total Linear Efficiency
35
%
POUT=28dBm
Adjacent Channel Power
Rejection
-47
-46
dBc
ACPR@1.25MHz, POUT=28dBm
-61
-58
dBc
ACPR@2.25MHz, POUT=28dBm
Input VSWR
1.5:1
Output VSWR
10:1
No damage.
6:1
No oscillations. >-70dBc
Noise Power
-141
dBm/Hz
At 80MHz offset.
Low Power State
(VMODE High)
Typical Performance at VCC=3.2V,
PA_ON=High, TAMB=25°C,
Frequency=1850MHz to 1910MHz
(unless otherwise specified)
Frequency Range
1850
1910
MHz
Linear Gain
17
20
dB
Second Harmonic
-45
dBc
Third Harmonic
-45
dBc
Maximum Linear Output Power
(CDMA Modulation)
16
dBm
Adjacent Channel Power
Rejection
-49
-47
dBc
ACPR@1.25MHz, POUT=16dBm
-64
-59
dBc
ACPR@2.25MHz, POUT=16dBm
Input VSWR
2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. >-70dBc
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com