Electronic Components Datasheet Search
  English  ▼

X  

LP2985-12DBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2985-12DBVT
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-12DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2985-12DBVT Datasheet HTML 7Page - Texas Instruments LP2985-12DBVT Datasheet HTML 8Page - Texas Instruments LP2985-12DBVT Datasheet HTML 9Page - Texas Instruments LP2985-12DBVT Datasheet HTML 10Page - Texas Instruments LP2985-12DBVT Datasheet HTML 11Page - Texas Instruments LP2985-12DBVT Datasheet HTML 12Page - Texas Instruments LP2985-12DBVT Datasheet HTML 13Page - Texas Instruments LP2985-12DBVT Datasheet HTML 14Page - Texas Instruments LP2985-12DBVT Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ON/OFF operation
The LP2985LV allows for a shutdown mode via the ON/OFF pin. Driving the pin LOW (
≤0.3 V) turns the device
OFF, conversely, a HIGH (
≥1.6 V) turns the device ON. If the shutdown feature is not used, the ON/OFF pin
should be connected to the input to ensure that the regulator is on at all times. For proper operation, do not leave
the ON/OFF pin unconnected and apply a signal with a slew rate of
≥40 mV/µs.
reverse input-output voltage
There is an inherent diode present across the PNP pass element of the LP2985LV.
VOUT
VIN
With the anode connected to the output, this diode is reverse biased during normal operation since the input
voltage is higher than the output. However, if the output is pulled higher than the input for any reason, this diode
will be forward biased and can cause a parasitic silicon-controlled rectifier (SCR) to latch, resulting in high
current flowing from the output to the input. Thus, to prevent possible damage to the regulator in any application
where the output may be pulled above the input, an external Schottky diode must be connected between the
output and input. With the anode on output, this Schottky limits the reverse voltage across the output and input
pins to
0.3 V, preventing the regulator’s internal diode from forward biasing.
VOUT
VIN
Schottky
LP2985LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com