Electronic Components Datasheet Search
  English  ▼

X  

LP2985-13DBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2985-13DBVT
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-13DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2985-13DBVT Datasheet HTML 5Page - Texas Instruments LP2985-13DBVT Datasheet HTML 6Page - Texas Instruments LP2985-13DBVT Datasheet HTML 7Page - Texas Instruments LP2985-13DBVT Datasheet HTML 8Page - Texas Instruments LP2985-13DBVT Datasheet HTML 9Page - Texas Instruments LP2985-13DBVT Datasheet HTML 10Page - Texas Instruments LP2985-13DBVT Datasheet HTML 11Page - Texas Instruments LP2985-13DBVT Datasheet HTML 12Page - Texas Instruments LP2985-13DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
capacitors
input capacitor (CIN)
A minimum value of 1
mF (over the entire operating temperature range) is required at the input of the LP2985LV.
In addition, this input capacitor should be located within 1 cm of the input pin and connected to a clean analog
ground. There are no Equivalent Series Resistance (ESR) requirements for this capacitor and the capacitance
can be increased without limit.
output capacitor (COUT)
As an advantage over other regulators, the LP2985LV permits the use of low ESR capacitors at the output,
including ceramic capacitors that can have an ESR as low as 5 m
Ω. Of course, tantalum and film capacitors
can also be used if size and cost are not issues. The output capacitor should also be located within 1 cm of the
output pin and be returned to a clean analog ground.
As with other PNP LDOs, stability conditions require the output capacitor to have a minimum capacitance and
an ESR that falls within a certain range.
Minimum COUT: 2.2 µF (can be increased without limit to improve transient response stability margin)
ESR range: See Figures 1 and 2
Figure 1. 2.2-
µF Stable ESR Curves
Figure 2. 4.7-
µF Stable ESR Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com