Electronic Components Datasheet Search
  English  ▼

X  

MP8798 Datasheet(PDF) 4 Page - Exar Corporation

Part # MP8798
Description  CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8798 Datasheet(HTML) 4 Page - Exar Corporation

  MP8798 Datasheet HTML 1Page - Exar Corporation MP8798 Datasheet HTML 2Page - Exar Corporation MP8798 Datasheet HTML 3Page - Exar Corporation MP8798 Datasheet HTML 4Page - Exar Corporation MP8798 Datasheet HTML 5Page - Exar Corporation MP8798 Datasheet HTML 6Page - Exar Corporation MP8798 Datasheet HTML 7Page - Exar Corporation MP8798 Datasheet HTML 8Page - Exar Corporation MP8798 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP8798
4
Rev. 3.00
ELECTRICAL CHARACTERISTICS TABLE
Unless Otherwise Specified: AVDD = DVDD = 5 V, FS = 1 MHz (50% Duty Cycle),
VREF(+) = 4.6, VREF(–) = AGND, TA = 25°C
25
°C
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comments
KEY FEATURES
Resolution
10
Bits
Sampling Rate
FS
.001
1
MHz
For Rated Performance
ACCURACY2
Differential Non-Linearity
DNL
3/4
1
LSB
Integral Non-Linearity
INL
2
LSB
Best Fit Line
(Max INL – Min INL)/2
Zero Scale Error
EZS
+0.50
LSB
Reference from VREF(+) to VREF(–)
Full Scale Error
EFS
–2.5
LSB
REFERENCE VOLTAGES
Positive Ref. Voltage
VREF(+)
AVDD
V
Negative Ref. Voltage
VREF(–)
AGND
V
Differential Ref. Voltage5
DVREF
0.5
AVDD
V
Ladder Resistance
RL
525
675
900
Ω
Ladder Temp. Coefficient1
RTCO
2000
ppm/
°C
Ladder Switch Resistance1
12
Ω
Ladder Switch Off Leakage1
ILKG-SW
50
nA
ANALOG INPUT1
Input Bandwidth
100
kHz
Input Voltage Range7
VIN
VREF(–)
VREF(+)
V
Input Capacitance3
CIN
60
pF
Aperture Delay
tAP
35
45
ns
DIGITAL INPUTS
Logical “1” Voltage
VIH
2.0
V
Logical “0” Voltage
VIL
0.8
V
Leakage Currents
IIN
VIN=DGND to DVDD
CLK
100
µA
PD, (Internal Res to DGND)
–5
30
µA
Input Capacitance
5
pF
Clock Timing (
See NO TAG)1
Clock Period
TS
1000
ns
Rise & Fall Time4
tR, tF
10
ns
“High” Time6
tB
250
500,000
ns
“Low” Time6
tS
150
500,000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com