Electronic Components Datasheet Search
  English  ▼

X  

IL1207AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL1207AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1207AT Datasheet(HTML) 3 Page - Vishay Siliconix

  IL1207AT Datasheet HTML 1Page - Vishay Siliconix IL1207AT Datasheet HTML 2Page - Vishay Siliconix IL1207AT Datasheet HTML 3Page - Vishay Siliconix IL1207AT Datasheet HTML 4Page - Vishay Siliconix IL1207AT Datasheet HTML 5Page - Vishay Siliconix IL1207AT Datasheet HTML 6Page - Vishay Siliconix IL1207AT Datasheet HTML 7Page - Vishay Siliconix IL1207AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IL1206AT, IL1207AT, IL1208AT
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 23-Nov-2020
3
Document Number: 83549
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values were tested requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements
Fig. 1 - Switching Test Circuit
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
-1.3
1.5
V
Reverse current
VR = 6 V
IR
-
0.1
100
μA
Capacitance
VR = 0 V
CI
-13
-
pF
OUTPUT
Collector emitter leakage current
VCE = 10 V
ICEO
-
5.0
50
nA
Collector emitter breakdown voltage
IC = 100 μA
BVCEO
70
-
-
V
Emitter collector breakdown voltage
IE = 100 μA
BVECO
7.0
10
-
V
Collector base breakdown current
BVCBO
70
-
-
V
Saturation voltage, collector emitter
IC = 2 mA, IF = 10 mA
VCEsat
--
0.4
V
COUPLER
DC current transfer ratio
IF = 10 mA, VCE = 5.0 V
IL1206AT
CTR
63
-
125
%
IL1207AT
CTR
100
-
200
%
IL1208AT
CTR
100
-
320
%
IF = 1.0 mA, VCE = 5.0 V
IL1206AT
CTR
22
40
-
%
IL1207AT
CTR
34
60
-
%
IL1208AT
CTR
56
95
-
%
Capacitance (input to output)
CIO
-0.5
-
pF
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IC = 2 mA, RL = 100
Ω, VCC = 10 V
ton
-3.0
-
μs
Turn-off time
IC = 2 mA, RL = 100
Ω, VCC = 10 V
toff
-3.0
-
μs
i205at_11
V
OUT
V
CC = 5 V
R
L
Input
toff
tr
10 %
50 %
90 %
ts
tpdoff
tpdon
ton
tr
td
Output
Input
10 %
50 %
90 %



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com