Electronic Components Datasheet Search
  English  ▼

X  

IL1208AT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 5 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IL1206AT, IL1207AT, IL1208AT
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 23-Nov-2020
5
Document Number: 83549
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - CTR Normalized to IF = 10 mA vs. Ambient Temperature,
(Saturated, VCE = 0.4 V)
Fig. 7 - CTR Normalized to IF = 10 mA vs. Ambient Temperature,
(Non-Saturated, VCE = 5 V)
Fig. 8 - CTR vs. IF, (VCE = 5 V, Tamb = 25 °C) (Not Normalized)
Fig. 9 - CTR vs. IF, (VCE = 5 V, Tamb = 25 °C) Normalized to
IF
= 10 mA, Tamb = 25 °C
Fig. 10 - CTR vs. IF Saturated, (VCE = 0.4 V, Tamb = 25 °C)
Fig. 11 - CTR vs. IF Saturated, Normalized to IF = 10 mA,
Tamb = 25 °C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 55 - 40 - 25 - 10
20 35 50 65 80 95 110 125
Tamb (°C)
5
Normalized to IF = 10 mA
Tamb = 25 °C
IF = 5 mA
IF = 10 mA
IF = 1 mA
83549 graph8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 55 - 40 - 25 - 10
20 35 50 65 80 95 110 125
Tamb (°C)
5
Normalized to IF = 10 mA
Tamb = 25 °C
IF = 1 mA
IF = 5 mA
IF = 10 mA
83549 graph9
0
50
100
150
200
250
300
0.1
1.0
10.0
IL1208
IL1207
IL1206
IL1205
IF (mA)
83549 graph10-1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
10.0
100.0
IL1208
IL1207
IL1206
IL1205
IF (mA)
83549 graph10-2
0
50
100
150
200
250
0.1
1.0
10.0
100.0
IF (mA)
IL1208
IL1207
IL1206
IL1205
83549 graph11-1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10.0
100.0
IF (mA)
IL1208
IL1207
IL1206
IL1205
83549 graph11-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com