Electronic Components Datasheet Search
  English  ▼

X  

IL222AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL222AT
Description  Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL222AT Datasheet(HTML) 2 Page - Vishay Siliconix

  IL222AT Datasheet HTML 1Page - Vishay Siliconix IL222AT Datasheet HTML 2Page - Vishay Siliconix IL222AT Datasheet HTML 3Page - Vishay Siliconix IL222AT Datasheet HTML 4Page - Vishay Siliconix IL222AT Datasheet HTML 5Page - Vishay Siliconix IL222AT Datasheet HTML 6Page - Vishay Siliconix IL222AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 83617
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 08-May-08
331
IL221AT/222AT/223AT
Optocoupler, Photodarlington Output,
Low Input Current, High Gain, with Base
Connection
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
t = 1.0 s
VISO
4000
VRMS
Total package dissipation
(at 25 °C ambient)(LED and detector)
Ptot
240
mW
Derate linearly from 25 °C
3.2
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 1.0 mA
VF
1.0
1.5
V
Reverse current
VR = 6 V
IR
0.1
100
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
OUTPUT
Collector emitter breakdown voltage
IC = 100 µA
BVCEO
30
V
Emitter collector breakdown voltage
IE = 100 µA
BVECO
5.0
V
Emitter emitter breakdown voltage
IC = 10 µA
BVCBO
70
V
Collector emitter capacitance
VCE = 10 V
CCE
3.4
pF
COUPLER
Saturation voltage, collector emitter
ICE = 0.5 mA
VCEsat
1.0
V
Capacitance (input to output)
CIO
0.5
pF
Resistance (input to output)
RIO
100
G
Ω
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 1.0 mA, VCE = 5.0 V
IL221AT
CTRDC
100
%
IL222AT
CTRDC
200
%
IL223AT
CTRDC
500
%
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
6000
V
VIORM
560
V
PSO
350
mW
ISI
150
mA
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com