Electronic Components Datasheet Search
  English  ▼

X  

IL251 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL251
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL251 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL251 Datasheet HTML 1Page - Vishay Siliconix IL251 Datasheet HTML 2Page - Vishay Siliconix IL251 Datasheet HTML 3Page - Vishay Siliconix IL251 Datasheet HTML 4Page - Vishay Siliconix IL251 Datasheet HTML 5Page - Vishay Siliconix IL251 Datasheet HTML 6Page - Vishay Siliconix IL251 Datasheet HTML 7Page - Vishay Siliconix IL251 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IL250, IL251, IL252, ILD252
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Feb-18
1
Document Number: 83618
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, AC Input,
with Base Connection
DESCRIPTION
The IL250, IL251, IL252, ILD252 are bidirectional input
optically coupled isolators consisting of two gallium
arsenide
infrared
LEDs
coupled
to
a
silicon
NPN
phototransistor per channel.
The IL250 has a minimum CTR of 50 %, the IL251 has a
minimum CTR of 20 %, and the IL252, ILD252 has a
minimum CTR of 100 %.
The IL250, IL251, IL252 are single channel optocouplers.
The ILD252 has two isolated channels in a single DIP
package.
FEATURES
• AC or polarity insensitive inputs
• Built-in reverse polarity input protection
• Improved CTR symmetry
• Industry standard DIP package
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Ideal for AC signal detection and monitoring
AGENCY APPROVALS
• UL1577, file no. E52744, double protection
• cUL tested to CSA 22.2 bulletin 5A
• CSA 93751
• BSI EN 60950, BSI EN 60065
• DIN EN 60747-5-5 (VDE 0884-5)
• CQC GB4943.1-2011 and GB8898-2011 (suitable for
installation altitude below 2000 m)
Notes
• Additional options may be possible, please contact sales office
(1) Also available in tubes; do not add “T” to end
1
2
3
6
5
4
B
C
E
NC
A/C
C/A
1
2
3
4
8
7
6
5
E
C
C
E
A
A
C
C
i179037-1
ORDERING INFORMATION
IL
x
2
5
x
-
#
X
0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY
CERTIFIED/PACKAGE
CTR (%)
SINGLE CHANNEL, 6 PIN
DUAL CHANNEL, 8 PIN
UL, CSA, BSI, CQC
 20
 50
 100
 100
DIP-#
IL251
IL250
IL252
-
SMD-#, option 7
-
IL250-X007
IL252-X007T (1)
-
SMD-#, option 9
IL251-X009T
IL250-X009T (1)
IL252-X009T (1)
-
VDE, UL, CSA, BSI, CQC
 20
 50
 100
 100
DIP-#
-
IL250-X001
IL252-X001
-
DIP-#, option 6
-
-
IL252-X016
-
SMD-#, option 7
-
-
IL252-X017T (1)
ILD252-X017
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 6
Option 9


Similar Part No. - IL251

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL251 SIEMENS-IL251 Datasheet
76Kb / 3P
BIDIRECTIONAL INPUT OPTOCOUPLER
logo
Vishay Siliconix
IL251 VISHAY-IL251 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
IL251 VISHAY-IL251 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL251-X009 VISHAY-IL251-X009 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
IL251-X009T VISHAY-IL251-X009T Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
More results

Similar Description - IL251

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
Optocoupler, Phototransistor Output, AC Input, With Base Connection
22-Apr-04
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-May-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input with Base Connection
23-Feb-11
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL250 VISHAY-IL250_V01 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
H11AA1 VISHAY-H11AA1_V02 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com