Electronic Components Datasheet Search
  English  ▼

X  

ILQ31 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILQ31
Description  Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ31 Datasheet(HTML) 1 Page - Vishay Siliconix

  ILQ31 Datasheet HTML 1Page - Vishay Siliconix ILQ31 Datasheet HTML 2Page - Vishay Siliconix ILQ31 Datasheet HTML 3Page - Vishay Siliconix ILQ31 Datasheet HTML 4Page - Vishay Siliconix ILQ31 Datasheet HTML 5Page - Vishay Siliconix ILQ31 Datasheet HTML 6Page - Vishay Siliconix ILQ31 Datasheet HTML 7Page - Vishay Siliconix ILQ31 Datasheet HTML 8Page - Vishay Siliconix ILQ31 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IL30, ILD55, ILQ30, ILQ31, ILQ55
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 20-Sep-2021
1
Document Number: 83621
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Photodarlington Output,
(Single, Dual, Quad Channel)
LINKS TO ADDITIONAL RESOURCES
FEATURES
• 125 mA load current rating
• Fast rise time, 10 μs
• Fast fall time, 35 μs
• Single, dual, and quad channel
• Solid state reliability
• Standard DIP packages
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577
• cUL
• DIN EN 60747-5-5 (VDE 0884-5)
DESCRIPTION
The IL30 single, ILD55 dual, and ILQ30, ILQ31, ILQ55 quad
are optically coupled isolators with gallium arsenide infrared
emitters and silicon photodarlington sensors. Switching can
be achieved while maintaining a high degree of isolation
between driving and load circuits, with no crosstalk between
channels. These optocouplers can be used to replace reed
and mercury relays with advantages of long life, high speed
switching and elimination of magnetic fields.
The ILD55 is designed to reduce board space requirements
in high density applications.
Notes
• Additional options may be possible, please contact sales office
(1) Also available in tubes, do not put “T” on the end
8
7
6
5
E
C
C
E
A
C
C
A
1
2
3
4
E
C
C
E
E
C
C
E
A
C
C
A
A
C
C
A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
6
5
4
B
C
E
A
C
NC
Dual Channel
Quad Channel
SMD
Single Channel
333
DDD3 D
3D Models
Design Tools
Related
Documents
ORDERING INFORMATION
I
L
x##
-
X
00#
T
PART NUMBER
x = D (Dual) or Q (Quad)
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED /
PACKAGE
SINGLE CHANNEL
DUAL CHANNEL
QUAD CHANNEL
CTR
UL, cUL, FIMKO
≥ 100
≥ 100
≥ 100
≥ 200
DIP-6
IL30
---
DIP-8
-
ILD55
-
-
SMD-8, option 7
-
ILD55-X007
-
-
SMD-8, option 9
-
ILD55-X009
-
-
DIP-16
-
-
ILQ30, ILQ55
ILQ31
SMD-16, option 9
-
-
ILQ55-X009T (1)
-
> 0.1 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 9


Similar Part No. - ILQ31

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ31 SIEMENS-ILQ31 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
ILQ31 VISHAY-ILQ31 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
ILQ31 VISHAY-ILQ31 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
ILQ31 VISHAY-ILQ31 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
ILQ31 VISHAY-ILQ31 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
More results

Similar Description - ILQ31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
26-Oct-04
IL66 VISHAY-IL66_07 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
24-May-11
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com