Electronic Components Datasheet Search
  English  ▼

X  

74F579 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F579
Description  8-bit bidirectional binary counter 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F579 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F579 Datasheet HTML 4Page - NXP Semiconductors 74F579 Datasheet HTML 5Page - NXP Semiconductors 74F579 Datasheet HTML 6Page - NXP Semiconductors 74F579 Datasheet HTML 7Page - NXP Semiconductors 74F579 Datasheet HTML 8Page - NXP Semiconductors 74F579 Datasheet HTML 9Page - NXP Semiconductors 74F579 Datasheet HTML 10Page - NXP Semiconductors 74F579 Datasheet HTML 11Page - NXP Semiconductors 74F579 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F579
8-bit bidirectional binary counter (3-State)
1992 May 04
8
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
VCC = +5.0V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
I/On to CP
Waveform 5
3.0
3.0
4.0
4.0
ns
ns
th(H)
th(L)
Hold time, High or Low
I/On to CP
Waveform 5
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
U/D to CP
Waveform 5
8.0
8.0
9.0
9.0
ns
ns
th(H)
th(L)
Hold time, High or Low
U/D to CP
Waveform 5
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
PE, SR or CS to CP
Waveform 5
9.5
9.5
10.0
10.0
ns
ns
th(H)
th(L)
Hold time, High or Low
PE, SR or CS to CP
Waveform 5
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
CEP or CET to CP
Waveform 5
5.0
9.0
5.5
10.5
ns
ns
th(H)
th(L)
Hold time, High or Low
CEP or CET to CP
Waveform 5
0
0
0
0
ns
ns
tw(H)
tw(L)
CP Pulse width, High or Low
Waveform 1
4.5
4.5
4.5
4.5
ns
ns
tw(L)
MR Pulse width, Low
Waveform 2
3.0
3.0
ns
trec
Recovery time, MR to CP
Waveform 2
4.0
4.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com