Electronic Components Datasheet Search
  English  ▼

X  

ILQ2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 1 Page - Vishay Siliconix

  ILQ2 Datasheet HTML 1Page - Vishay Siliconix ILQ2 Datasheet HTML 2Page - Vishay Siliconix ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ILD1, ILD2, ILD5, ILQ1, ILQ2
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 10-Mar-2021
1
Document Number: 83646
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output (Dual, Quad Channel)
DESCRIPTION
The ILD1, ILD2, ILD5, ILQ1, ILQ2 are optically coupled
isolated pairs employing GaAs infrared LEDs and silicon
NPN phototransistor. Signal information, including a DC
level, can be transmitted by the drive while maintaining a
high degree of electrical isolation between input and output.
The ILD1, ILD2, ILD5, ILQ1, ILQ2 are especially designed for
driving medium-speed logic and can be used to eliminate
troublesome ground loop and noise problems. Also these
couplers can be used to replace relays and transformers in
many digital interface applications such as CTR modulation.
The ILD1, ILD2, ILD5 have two isolated channels in a single
DIP package and the ILQ1, ILQ2 have four isolated channels
per package.
FEATURES
• Current transfer ratio at IF = 10 mA
• Isolation rated voltage 4420 VRMS
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
AGENCY APPROVALS
• UL 1577
• cUL 1577
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• CQC
• CSA
• FIMKO
• FIMKO
1
2
3
4
8
7
6
5
E
C
C
E
A
C
C
A
A
C
C
A
A
C
C
A
E
C
C
E
E
C
C
E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
i179012-1
Dual Channel
Quad Channel
ORDERING INFORMATION
I
L
x
#
-
X
0##
T
PART NUMBER
x = D (dual) or Q (quad)
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED /
PACKAGE
DUAL CHANNEL
QUAD CHANNEL
CTR (%)
UL, CSA, CQC, BSI, FIMKO
20 to 300
100 to 500
50 to 400
20 to 300
100 to 500
DIP-8
ILD1
ILD2
ILD5
-
-
DIP-8, 400 mil, option 6
-
ILD2-X006
-
-
-
SMD-8, option 7
ILD1-X007
ILD2-X007T (1)
---
SMD-8, option 9
-
ILD2-X009T (1)
ILD5-X009
-
-
DIP-16
-
-
-
ILQ1
ILQ2
DIP-16, 400 mil, option 6
-
-
-
ILQ1-X006
-
SMD-16, option 7
-
-
-
ILQ1-X007
ILQ2-X007T (1)
SMD-16, option 9
-
-
-
ILQ1-X009T (1)
ILQ2-X009T (1)
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-#
Option 7
Option 6
Option 9


Similar Part No. - ILQ2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ2 SIEMENS-ILQ2 Datasheet
67Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILQ2 VISHAY-ILQ2 Datasheet
164Kb / 9P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
05-Nov-04
ILQ2 VISHAY-ILQ2 Datasheet
174Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
logo
ISOCOM COMPONENTS
ILQ2 ISOCOM-ILQ2 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
ILQ2 VISHAY-ILQ2 Datasheet
200Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
28-Jun-11
More results

Similar Description - ILQ2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
28-Jun-11
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
15-Apr-2021
ILD615 VISHAY-ILD615_V02 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com