Electronic Components Datasheet Search
  English  ▼

X  

XP1010 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XP1010
Description  21.0-24.0 GHz GaAs MMIC Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1010 Datasheet(HTML) 3 Page - Mimix Broadband

  XP1010 Datasheet HTML 1Page - Mimix Broadband XP1010 Datasheet HTML 2Page - Mimix Broadband XP1010 Datasheet HTML 3Page - Mimix Broadband XP1010 Datasheet HTML 4Page - Mimix Broadband XP1010 Datasheet HTML 5Page - Mimix Broadband XP1010 Datasheet HTML 6Page - Mimix Broadband XP1010 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Velocium Products
18 - 20 GHz HPA
- APH478
Power Amplifier Measurements (cont.)
Page 3 of 7
21.0-24.0 GHz GaAs MMIC
Power Amplifier
Measured Perfor mance Characteristics (Typical Perfor mance at 25°C)
Vd1 = Vd2 = 5.0V, Id1
= 350 mA, Id2 = 600mA
22
24
26
28
30
32
34
36
38
40
42
44
21
22
23
24
25
26
Frequency (GHz)
P1dB
IP3
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
18
20
22
24
26
28
Pout (dBm /Tone)
22 G Hz
23 G Hz
Two tone test with 18 dBm / tone
(Fixtured)
(Fixtured)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2006 - Rev 10-May-06
P1010



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com