Electronic Components Datasheet Search
  English  ▼

X  

XP1012 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1012
Description  37.0-40.0 GHz GaAs MMIC Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1012 Datasheet(HTML) 1 Page - Mimix Broadband

  XP1012 Datasheet HTML 1Page - Mimix Broadband XP1012 Datasheet HTML 2Page - Mimix Broadband XP1012 Datasheet HTML 3Page - Mimix Broadband XP1012 Datasheet HTML 4Page - Mimix Broadband XP1012 Datasheet HTML 5Page - Mimix Broadband XP1012 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Velocium Products
18 - 20 GHz HPA
- APH478
37.0-40.0 GHz GaAs MMIC
Power Amplifier
Page 1 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2006 - Rev 10-May-06
P1012
Mimix Broadband’s two stage 37.0-40.0 GHz GaAs
MMIC power amplifier is optimized for linear operation
with a third order intercept point of +37.0 dBm. This
MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT
device model technology, and is based upon electron
beam lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes and
gold metallization to allow either a conductive epoxy
or eutectic solder die attach process. This device is well
suited for Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
Absolute Maximum Ratings
General Description
Supply Voltage (Vd)
Supply Current (Id1,2)
Gate Bias Voltage
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+5.5 VDC
600,600 mA
+0.3 VDC
+19 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
(3) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
3
Features
Chip Device Layout
3
Excellent Linear Output Amplifier Stage
15.0 dB Small Signal Gain
+28.0 dBm Output P1dB Compression Point
+37.0 dBm Third Order Intercept (OIP3)
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Output Power for 1 dB Compression (P1dB)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (Vd1,2)
Gate Bias Voltage (Vg1,2)
Supply Current (Id) (Vd=5.0V, Vg=-0.5V Typical)
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Units
GHz
dB
dB
dB
dB
dB
dBm
dBm
VDC
VDC
mA
Min.
37.0
-
-
-
-
-
-
-
-
-1.0
-
Typ.
-
10.0
15.0
15.0
+/-0.5
TBD
+28.0
+37.0
+5.0
-0.5
1080
Max.
40.0
-
-
-
-
-
-
-
-
0.0
-
(1) Measured at +18 dBm per tone output carrier level across the full frequency band.
(2) Measured using constant current.
1,2
2


Similar Part No. - XP1012

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1011 MIMIX-XP1011 Datasheet
156Kb / 6P
36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1011-BD MIMIX-XP1011-BD Datasheet
156Kb / 6P
36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1011-BD-000V MIMIX-XP1011-BD-000V Datasheet
156Kb / 6P
36.0-40.0 GHz GaAs MMIC Power Amplifier
XP1011-BD-000W MIMIX-XP1011-BD-000W Datasheet
156Kb / 6P
36.0-40.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1012

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1018-BD MIMIX-XP1018-BD Datasheet
358Kb / 8P
37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1031-BD MIMIX-XP1031-BD Datasheet
1Mb / 1P
37.0-42.0 GHz GaAs MMIC Power Amplifier
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1072-BD MIMIX-XP1072-BD Datasheet
1Mb / 8P
34.0-37.0 GHz GaAs MMIC Power Amplifier
XP1073-BD MIMIX-XP1073-BD Datasheet
1Mb / 10P
34.0-37.0 GHz GaAs MMIC Power Amplifier
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
37.0-40.0 GHz GaAs MMIC
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
37.0-40.0 GHz GaAs Power Amplifier
XP1080-QU MIMIX-XP1080-QU_11 Datasheet
966Kb / 6P
37.0-40.0 GHz GaAs Power Amplifier
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
37.0-40.0 GHz GaAs Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com