Electronic Components Datasheet Search
  English  ▼

X  

EM4034 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4034
Description  13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4034 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4034 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
EM4034
Copyright
© 2004, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
13.56MHz, ISO15693 Standard Compliant
Contactless RW Identification Device
General Description
The EM4034 is a CMOS integrated circuit intended for use
in contactless Read/Write transponders. The IC is a
member
of
ISO
15693
standard
compliant.
Passive
Read/Write RF Tags operating at 13.56MHz.
The
user’s
configurable
448
bit
EEPROM
memory
contained in the chip is organised in 14 words of 32 bits,
each word can be irreversibly locked. The memory contains
a unique serial number.
The ISO 15693 anticollision algorithm allows operating more
tags in the field simultaneously. IC is completely ISO 15693
compliant
since
it
includes
all
ISO15693
mandatory
features.
Applications
Access Control
Ticketing
Asset management
Features
ISO15693 Standard: Fully compliant
Support all mandatory and some optional ISO/IEC
15693 features
Operating Frequency: 13.56MHz ± 7kHz
(ISM, world-wide licence free available)
ISO/IEC 15693 anti-collision algorithm allowing more
tags in reader field at the same time
64-bit Unique Identifier (UID)
448 bit EEPROM organised in 14 words of 32 bits
Lock feature convert EEPROM words in Read Only
Secure transfers with Login command
Smart Electronic Article Surveillance
On chip resonant capacitor
No external supply buffer capacitor needed
-40 to +65˚C temperature range
Bonding pads optimised fro flip-chip assembly
Typical Operating Configuration
Fig. 1
Block Diagram
Fig. 2
C1
EM4034
C2
Vdd
Cr
L2
L1
POR
EEPROM
R
E
G
U
L
A
T
O
R
MODULATOR
LIMITER
POWER
MONITOR
CBU
AM
DEMODULATOR
MOD
LOGIC
CLOCK
EXTRACTOR
RECEIVED
CLOCK
Lr
VPOS
PULSE
RECTIFIER
PCK
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM4034

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
More results

Similar Description - EM4034

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4135 EMMICRO-EM4135 Datasheet
76Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
Crypto Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com