Electronic Components Datasheet Search
  English  ▼

X  

EM4035 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4035
Description  13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4035 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4035 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM4035
Copyright
 2003, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
13.56MHz CRYPTO ISO15693 Compliant
Contactless Identification Device
General Description
The EM4035 is a CMOS integrated circuit intended for use in
contactless Read/Write transponders. The EM4035 is
completely ISO15693 compliant and is a member of ISO
15693 standard passive Read/Write RF tags operating at
13.56MHz.
The Chip contains an implementation of a crypto-algorithm
with 96 bit of user configurable secret-Keys contained in
EEPROM.
The 3.2k bit EEPROM memory contained in the chip is
organized in 50 words of 64 bits, each word can be irreversibly
locked. The memory contains a unique 64-bit serial number
(UID).
An ISO 15693 anticollision algorithm allows operating more
tags in the field simultaneously.
The 64bits UID as defined in ISO15693 standard is factory
programmed and locked. It includes a 6 bits chip type and a
10 bits customer code made specific on request.
The resonant capacitor value is selected by metal mask.
Applications
High security hands-free access Control
Anti-counterfeiting
Ticketing
Asset management
Features
ISO15693 Standard: Fully Compliant
Operating Frequency: 13.56MHz
± 7KHz
64-bit Unique Identifier (UID)
3.2K bit EEPROM organised in 50 words of 64 bits
Support Application Field Identifier (AFI)
Smart Electronic Article Surveillance (EAS)
On Chip Crypto-Algorithm
Mutual authentication using symetrical challenge /
response exchange
Power-check for EEPROM write operation
Resonant capacitor integrated on chip
28pF or 95pF (selectable by mask option)
No external supply buffer capacitor needed
Very low Power consumption (no battery needed)
-40 to +85
°C Temperature range
Bonding pads optimised for flip-chip assembly
Typical Operating Configuration
C1
C2
EM4035
L
Figure 1.
Block Diagram
LOGIC
EEPROM
CRYPTO
ENGINE
RANDOM
NUMBER
GENERATION
CLOCK
EXTRACTOR
AM
DEMODULATOR
MODULATOR
LIMITER
RECEIVED
CLOCK
PULSE
MOD
RECTIFIER
Lr
Cr
L2
L1
C
BUF
POWER
MONITOR POR
PCK
V
DD
V
POS
Figure 2.
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM4035

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
More results

Similar Description - EM4035

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4135 EMMICRO-EM4135 Datasheet
76Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
Crypto Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com