Electronic Components Datasheet Search
  English  ▼

X  

XR1005 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1005
Description  19.0-26.0 GHz GaAs MMIC Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1005 Datasheet(HTML) 2 Page - Mimix Broadband

  XR1005 Datasheet HTML 1Page - Mimix Broadband XR1005 Datasheet HTML 2Page - Mimix Broadband XR1005 Datasheet HTML 3Page - Mimix Broadband XR1005 Datasheet HTML 4Page - Mimix Broadband XR1005 Datasheet HTML 5Page - Mimix Broadband XR1005 Datasheet HTML 6Page - Mimix Broadband XR1005 Datasheet HTML 7Page - Mimix Broadband XR1005 Datasheet HTML 8Page - Mimix Broadband XR1005 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2 of 9
Receiver Measurements
19.0-26.0 GHz GaAs MMIC
Receiver
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2006 - Rev 10-Apr-06
R1005
XR1005 USB Conversion Gain (1398 devices)
0
2
4
6
8
10
12
20
21
22
23
24
RF at USB (GHz)
[IF = 2GHz]
Max
Mean
Min
XR1005 LSB Conversion Gain (1398 devices)
0
2
4
6
8
10
12
20
21
22
23
24
RF at LSB (GHz)
[IF = 2GHz]
Max
Mean
Min
XR1005 USB Image Rejection (1398 devices)
-40
-35
-30
-25
-20
-15
-10
-5
0
20
21
22
23
24
RF at USB (GHz)
[IF = 2GHz]
Max
Mean
XR1005 LSB Image Rejection (1398 devices)
-40
-35
-30
-25
-20
-15
-10
-5
0
20
21
22
23
24
RF at LSB (GHz)
[IF = 2GHz]
Max
Mean
RF Input Return Loss (1398 devices)
-30
-25
-20
-15
-10
-5
0
20
21
22
23
24
RF (GHz)
Max
Mean
XR1005 USB Noise Figure (1398 devices)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
4
2
3
2
2
2
1
2
0
2
RF at USB (GHz)
[IF = 2GHz]
+3sigma
Mean
-3sigma



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com