Electronic Components Datasheet Search
  English  ▼

X  

EM4102 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM4102
Description  Read Only Contactless Identification Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4102 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM4102 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4102 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4102 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4102 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4102 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4102 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4102 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
R
EM4102
Copyright © 2005, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Electrical Characteristics
VDD = 1.5V, VSS = 0V,
fC1 = 134kHz square wave, Ta = 25°C
VC1 = 1.0V with positive peak at VDD and negative peak at VDD -1V unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
Rectified Supply Voltage
Coil1 - Coil2 Capacitance
Power Supply Capacitor
VDD
VDDREC
Cres
Csup
VCOIL1 - VCOIL2 = 2.8 VDC
Modulator switch = “ON”
Vcoil=100mVRMS
f=10kHz
1.5
1.5
78 2)
125
1)
V
V
pF
pF
Manchester and biphase
versions
Supply Current
C2 pad Modulator ON
voltage drop
PSK version
Supply Current
C2 pad Modulator ON
voltage drop
IDD
VONC2
IDDPSK
VONC2PSK
VDD=5.0V
IVDDC2=1mA
with ref. to VDD
VDD=5.0V
IVDDC2=100µA
with ref. to VDD
150
500
0.6
220
0.9
650
1.5
280
2.0
800
µA
mV
µA
mV
Note 1)
The maximum voltage is defined by forcing 10mA on COIL1 - COIL2
Note 2)
The tolerance of the resonant capacitor is ± 15% over the whole production.
On a wafer basis, the tolerance is ± 2%
Timing Characteristics
VDD = 1.5V, VSS = 0V, fcoil = 134kHz square wave, Ta = 25°C
VC1 = 1.0V with positive peak at VDD and negative peak at VDD -1V unless otherwise specified
Timings are derived from the field frequency and are specified as a number of RF periods.
Parameter
Symbol
Test Conditions
Value
Units
Read Bit Period
Trdb
depending on option
64, 32, 16
RF periods
Timing Waveforms
BIT n
BIT n+1
BIT n+2
64, 32 or 16 TOC, depending on option
TOC
COIL1
Serial Data Out
Fig. 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com