Electronic Components Datasheet Search
  English  ▼

X  

XS1000 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XS1000
Description  7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XS1000 Datasheet(HTML) 3 Page - Mimix Broadband

  XS1000 Datasheet HTML 1Page - Mimix Broadband XS1000 Datasheet HTML 2Page - Mimix Broadband XS1000 Datasheet HTML 3Page - Mimix Broadband XS1000 Datasheet HTML 4Page - Mimix Broadband XS1000 Datasheet HTML 5Page - Mimix Broadband XS1000 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Measurements (cont.)
Page 3 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
7.0-13.0 GHz GaAs MMIC
6-Bit Phase Shifter
S1000
May 2006 - Rev 08-May-06
Attenuation Error
0
0.5
1
1.5
2
2.5
3
7
8
9
10111213
Frequency [GHz]
RMS
Max
Insertion Loss vs Temp - Reference State
0
1
2
3
4
5
6
7
8
9
10
7
8
9
10111213
Frequency [GHz]
T=25
T=60
T=95
RMS Attenuation Error vs Temp
0
0.5
1
1.5
2
2.5
3
7
8
9
10111213
Frequency [GHz]
T=25°C
T=60°C
T=95°C
RMS Phase Error vs Temp
0
2
4
6
8
10
12
14
16
18
20
7
8
9
10
11
12
13
Frequency [GHz]
T=25°C
T=60°C
T=95°C
Relative Loss vs Input Power @ 10 GHz - Major States
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
101214
16
18202224
26
Pin [dBm]
Relative Phase vs Input Power @ 10 GHz - Major States
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
1012
1416
1820
2224
26
Pin [dBm]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com