Electronic Components Datasheet Search
  English  ▼

X  

XU1002 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1002
Description  18.0-25.0 GHz GaAs MMIC Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1002 Datasheet(HTML) 2 Page - Mimix Broadband

  XU1002 Datasheet HTML 1Page - Mimix Broadband XU1002 Datasheet HTML 2Page - Mimix Broadband XU1002 Datasheet HTML 3Page - Mimix Broadband XU1002 Datasheet HTML 4Page - Mimix Broadband XU1002 Datasheet HTML 5Page - Mimix Broadband XU1002 Datasheet HTML 6Page - Mimix Broadband XU1002 Datasheet HTML 7Page - Mimix Broadband XU1002 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 2 of 8
Transmitter Measurements
U1002
May 2005 - Rev 13-May-05
18.0-25.0 GHz GaAs MMIC
Transmitter
XU1002 Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, USB
LO=+2.0 dBm, IF=2.0 GHz , RF=-15.0 dBm, ~120 Devices
5
6
7
8
9
10
11
12
13
14
15
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
RF Fre que ncy (GHz)
Max
Median
Mean
-3sigma
XU1002 Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, USB
LO=+2.0 dBm, IF=2.0 GHz , RF=-15.0 dBm, ~120 Devices
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
16.017.018.019.020.021.022.023.024.025.0
26.0
RF Fre que ncy (GHz)
Max
Median
Mean
-3sigma
XU1002 Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, LSB
LO=+2.0 dBm, IF=2.0 GHz , RF=-15.0 dBm, ~120 Devices
5
6
7
8
9
10
11
12
13
14
15
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
RF Fre que ncy (GHz)
Max
Median
Mean
-3sigma
XU1002 Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, LSB
LO=+2.0 dBm, IF=2.0 GHz , RF=-15.0 dBm, ~120 Devices
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
RF Fre que ncy (GHz)
Max
Median
Mean
-3sigma
XU1002 Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, USB/LSB
LO=+2.0 dBm, IF=2.0 GHz , RF=-15.0 dBm, ~130 Devices
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
RF Fre que ncy (GHz)
Max
Median
Mean
-3sigma
XU1002 Vd1=3.5 V, Vd2=4.0 V, Id1=230 mA, Id2=116 mA, USB/LSB
LO=+2.0 dBm, IF=2.0 GHz , RF=-15.0 dBm, ~130 Devices
-60
-50
-40
-30
-20
-10
0
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
2x LO Fre que ncy (GHz)
Max
Median
Mean
-3sigma



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com