Electronic Components Datasheet Search
  English  ▼

X  

EM4100A5CB2RC Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4100A5CB2RC
Description  Read Only Contactless Identification Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100A5CB2RC Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4100A5CB2RC Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100A5CB2RC Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100A5CB2RC Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100A5CB2RC Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100A5CB2RC Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100A5CB2RC Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100A5CB2RC Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100A5CB2RC Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100A5CB2RC Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
EM4100
Copyright © 2004, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
Read Only Contactless Identification Device
Description
The EM4100 (previously named H4100) is a CMOS
integrated circuit for use in electronic Read Only RF
Transponders. The circuit is powered by an external coil
placed in an electromagnetic field, and gets its master
clock from the same field via one of the coil terminals. By
turning on and off the modulation current, the chip will send
back the 64 bits of information contained in a factor y pre-
programmed memory array.
The programming of the chip is performed by laser fusing
of polysilicon links in order to store a unique code on each
chip.
The EM4100 has several metal options which are used to
define the code type and data rate. Data rates of 64, 32
and 16 periods of carrier frequency per data bit are
available. Data can be coded as Manchester, Biphase or
PSK.
Due to low power consumption of the logic core, no supply
buffer capacitor is required. Only an external coil is needed
to obtain the chip function. A parallel resonance capacitor
of 74 pF is also integrated.
Features
□
64 bit memory array laser programmable
□
Several options of data rate and coding available
□
On chip resonance capacitor
□
On chip supply buffer capacitor
□
On chip voltage limiter
□
Full wave rectifier on chip
□
Large modulation depth due to a low impedance
modulation device
□
Operating frequency 100 - 150 kHz
□
Very small chip size convenient for implantation
□
Very low power consumption
Applications
□
Logistics automation
□
Anticounterfeiting
□
Access control
□
Industrial transponder
Typical Operating Configuration
Coil1
Coil2
EM4100
L: typical 21.9mH for fo = 125kHz
Fig. 1
Pin Assignment
EM4100
COIL1
COIL2
VDD
VSS
COIL1
Coil terminal / Clock input
COIL2
Coil terminal
Fig. 2


Similar Part No. - EM4100A5CB2RC

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4102A5WP11 EMMICRO-EM4102A5WP11 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4102A5WP11E EMMICRO-EM4102A5WP11E Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4102A5WP7 EMMICRO-EM4102A5WP7 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4102A5WP7E EMMICRO-EM4102A5WP7E Datasheet
133Kb / 7P
Read Only Contactless Identification Device
More results

Similar Description - EM4100A5CB2RC

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
128 bit Read Only Low Frequency Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com