Electronic Components Datasheet Search
  English  ▼

X  

ZBDS Datasheet(PDF) 1 Page - TDK Electronics

Part # ZBDS
Description  EMC Components Ferrite Beads SMD Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZBDS Datasheet(HTML) 1 Page - TDK Electronics

  ZBDS Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• All specifications are subject to change without notice.
(1/1)
002-01 / 20031002 / e9421_zbds.fm
EMC Components
ZBDS Series
Ferrite Beads
SMD Array
FEATURES
• Good high frequency characteristics due to low distributed
capacitance. Effective as a noise absorbing element due to at
distributed resistance at high frequencies.
• Height of the miniaturized surface mount bead has been kept
2mm max.
APPLICATIONS
Personal computers, communications equipment, word proces-
sors, digital telephones, electronic games, hard disk drives, elec-
tronic music instruments, copiers and facsimiles, and other
electronic equipment.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
CIRCUIT DIAGRAM
ZBDS5101-8PT
ELECTRICAL CHARACTERISTICS
PACKING STYLE AND QUANTITIS
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
16
9
1
8
10.8max.
BD-8
0.25
0.6
1.27±0.12
6±0.5
4.2
Weight: 0.3g
Dimensions in mm
1.27
1.77
0.77
0.5
250
µm recommended
solder thickness.
Dimensions in mm
1
16
L1
2
15
L2
3
14
L3
4
13
L4
5
12
L5
6
11
L6
7
10
L7
8
9
L8
Part No.
ZBDS5101-8PT
Rated voltage Edc(V)
50
Rated current (A)
1
DC resistance (
Ω)[Each line]
0.1max.
Operating temperature range (°C)
–25 to +85
Impedance(
Ω)[+5 to +35°C]
30min.[20 to 500MHz]
ZBDS5101-8PT
1000 pieces/reel
1000
100
10
1
1
10
100
1000
Frequency(MHz)
ZBDS5101-8PT


Similar Part No. - ZBDS

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
ZBD320240B-01 VARITRONIX-ZBD320240B-01 Datasheet
222Kb / 1P
PRELIMINARY SPECIFICATION OF MODULE
ZBD320240C-01 VARITRONIX-ZBD320240C-01 Datasheet
216Kb / 1P
LCM Module Specification
logo
Zetex Semiconductors
ZBD949 ZETEX-ZBD949 Datasheet
257Kb / 7P
PNP LOW DROPOUT REGULATOR TRANSISTOR
logo
Mini-Circuits
ZBDC25-2575W MINI-ZBDC25-2575W Datasheet
260Kb / 1P
Bi-Directional Coupler
ZBDC25-2575W+ MINI-ZBDC25-2575W+ Datasheet
260Kb / 1P
Bi-Directional Coupler
More results

Similar Description - ZBDS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
EMC Components Ferrite Beads SMD Array
HF201209 TDK-HF201209 Datasheet
77Kb / 3P
EMC Components Ferrite Beads SMD
ACB2012M-080-T TDK-ACB2012M-080-T Datasheet
86Kb / 3P
EMC Components Ferrite Beads SMD
HF30ACC453215-T TDK-HF30ACC453215-T Datasheet
77Kb / 3P
EMC Components Ferrite Beads
HF70ACC453215-T TDK-HF70ACC453215-T Datasheet
77Kb / 3P
EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
77Kb / 3P
EMC Components Ferrite Beads SMD
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
EMC Components Ferrite Beads SMD
HF70ACC322513-T TDK-HF70ACC322513-T Datasheet
77Kb / 3P
EMC Components Ferrite Beads SMD
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
Chip Array Ferrite Beads
17-Aug-17
logo
Central Technologies
CTCBA1206F CT-CTCBA1206F Datasheet
227Kb / 2P
Chip Array Ferrite Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com